Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1086-MIL Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086-MIL
Description  1.5-A Low Dropout Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-MIL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM1086-MIL Datasheet HTML 6Page - Texas Instruments LM1086-MIL Datasheet HTML 7Page - Texas Instruments LM1086-MIL Datasheet HTML 8Page - Texas Instruments LM1086-MIL Datasheet HTML 9Page - Texas Instruments LM1086-MIL Datasheet HTML 10Page - Texas Instruments LM1086-MIL Datasheet HTML 11Page - Texas Instruments LM1086-MIL Datasheet HTML 12Page - Texas Instruments LM1086-MIL Datasheet HTML 13Page - Texas Instruments LM1086-MIL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
10
LM1086-MIL
SNVSAX4 – JUNE 2017
www.ti.com
Product Folder Links: LM1086-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Ripple Rejection
Ripple rejection is a function of the open loop gain within the feedback loop (refer to Figure 13 and Figure 16).
The LM1086-MIL exhibits 75 dB of ripple rejection (typical). When adjusted for voltages higher than VREF, the
ripple rejection decreases as function of adjustment gain: (1 + R1 / R2) or VO / VREF. Therefore, a 5-V adjustment
decreases ripple rejection by a factor of four (
−12 dB); output ripple increases as adjustment voltage increases.
However, the adjustable version allows this degradation of ripple rejection to be compensated. The adjust
terminal can be bypassed to ground with a capacitor (CADJ). The impedance of the CADJ must be equal to or less
than R1 at the desired ripple frequency. This bypass capacitor prevents ripple from being amplified as the output
voltage is increased.
1 / (2π × fRIPPLE × CADJ) ≤ R1
(1)
7.3.2 Load Regulation
The LM1086-MIL regulates the voltage that appears between its output and ground pins, or between its output
and adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain
the best load regulation, a few precautions are needed.
Figure 14 shows a typical application using a fixed output regulator. Rt1 and Rt2 are the line resistances. VLOAD
is less than the VOUT by the sum of the voltage drops along the line resistances. In this case, the load regulation
seen at the RLOAD would be degraded from the data sheet specification. To improve this, the load should be tied
directly to the output terminal on the positive side and directly tied to the ground terminal on the negative side.
Figure 14. Typical Application Using Fixed Output Regulator
When the adjustable regulator is used (Figure 15), the best performance is obtained with the positive side of the
resistor R1 tied directly to the output terminal of the regulator rather than near the load. This eliminates line drops
from appearing effectively in series with the reference and degrading regulation. For example, a 5-V regulator
with 0.05-
Ω resistance between the regulator and load has a load regulation due to line resistance of 0.05 Ω × IL.
If R1 (= 125
Ω) is connected near the load the effective line resistance will be 0.05 Ω (1 + R2 / R1) or in this
case, it is 4 times worse. In addition, the ground side of the resistor R2 can be returned near the ground of the
load to provide remote ground sensing and improve load regulation.
Figure 15. Best Load Regulation Using Adjustable Output Regulator


Similar Part No. - LM1086-MIL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LM1086-05-220M SEME-LAB-LM1086-05-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-12-220M SEME-LAB-LM1086-12-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
LM1086-220M SEME-LAB-LM1086-220M Datasheet
33Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086-MIL

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
   1.5關A Low-Power, Positive Voltage Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com