Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1458-MIL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM1458-MIL
Description  Dual Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1458-MIL Datasheet(HTML) 1 Page - Texas Instruments

  LM1458-MIL Datasheet HTML 1Page - Texas Instruments LM1458-MIL Datasheet HTML 2Page - Texas Instruments LM1458-MIL Datasheet HTML 3Page - Texas Instruments LM1458-MIL Datasheet HTML 4Page - Texas Instruments LM1458-MIL Datasheet HTML 5Page - Texas Instruments LM1458-MIL Datasheet HTML 6Page - Texas Instruments LM1458-MIL Datasheet HTML 7Page - Texas Instruments LM1458-MIL Datasheet HTML 8Page - Texas Instruments LM1458-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LM1458, LM1558
www.ti.com
SNOSBU4D – APRIL 1998 – REVISED MARCH 2013
LM1458/LM1558 Dual Operational Amplifier
Check for Samples: LM1458, LM1558
1
FEATURES
2
No Frequency Compensation Required
Low-Power Consumption
Short-Circuit Protection
8-Lead TO-99 and 8-Lead PDIP
Wide Common-Mode and Differential Voltage
No Latch Up When Input Common Mode
Ranges
Range is Exceeded
DESCRIPTION
The LM1458 and the LM1558 are general purpose dual operational amplifiers. The two amplifiers share a
common bias network and power supply leads. Otherwise, their operation is completely independent.
The LM1458 is identical to the LM1558 except that the LM1458 has its specifications guaranteed over the
temperature range from 0°C to +70°C instead of
−55°C to +125°C.
Connection Diagram
Figure 1. TO-99 Package
Figure 2. Dual-In-Line Package
(Top View)
(Top View)
See Package Number LMC (O-MBCY-W8)
See Package Number D (R-PDSO-G8) or
P (R-PDIP-T8)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1998–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM1458-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
124Kb / 6P
   Dual Operational Amplifier
logo
Fairchild Semiconductor
LM1458 FAIRCHILD-LM1458 Datasheet
63Kb / 10P
   Dual Operational Amplifier
logo
Intersil Corporation
LM1458 INTERSIL-LM1458 Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
National Semiconductor ...
LM1458 NSC-LM1458 Datasheet
127Kb / 5P
   Dual Operational Amplifier
logo
Harris Corporation
LM1458 HARRIS-LM1458 Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results

Similar Description - LM1458-MIL

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC4558 UTC-UTCMC4558 Datasheet
110Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Rohm
BA4558 ROHM-BA4558 Datasheet
58Kb / 5P
   Dual operational amplifier
logo
Toshiba Semiconductor
TA75458P TOSHIBA-TA75458P Datasheet
386Kb / 12P
   DUAL OPERATIONAL AMPLIFIER
logo
Motorola, Inc
LM833 MOTOROLA-LM833 Datasheet
133Kb / 8P
   DUAL OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM4560 NJRC-NJM4560 Datasheet
226Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM4562 NJRC-NJM4562 Datasheet
258Kb / 5P
   DUAL OPERATIONAL AMPLIFIER?
NJM2100 NJRC-NJM2100 Datasheet
201Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17458 HITACHI-HA17458 Datasheet
46Kb / 10P
   Dual Operational Amplifier
logo
NXP Semiconductors
MA747C PHILIPS-MA747C Datasheet
94Kb / 5P
   Dual operational amplifier
August 31, 1994
logo
Renesas Technology Corp
HA17904A RENESAS-HA17904A_15 Datasheet
129Kb / 10P
   Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com