Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

127-XX-316-41-002000 Datasheet(PDF) 1 Page - Mill-Max Mfg. Corp.

Part # 127-XX-316-41-002000
Description  SERIES 117, 127, 217, 227, 317, 327 ??SHRINK DI,P SOLDER TAIL & WRAPOST
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MILL-MAX [Mill-Max Mfg. Corp.]
Direct Link  http://www.mill-max.com
Logo MILL-MAX - Mill-Max Mfg. Corp.

127-XX-316-41-002000 Datasheet(HTML) 1 Page - Mill-Max Mfg. Corp.

  127-XX-316-41-002000 Datasheet HTML 1Page - Mill-Max Mfg. Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DUAL-IN-LINE SOCKETS
Mill-Max Mfg. Corp. • 190 Pine Hollow Road, P.O. Box 300, Oyster Bay, NY 11771 • 516-922-6000 • Fax: 516-922-9253 • www.mill-max.com
SERIES 117, 127, 217, 227, 317, 327 • SHRINK DIP, SOLDER TAIL & WRAPOST
High density DIP sockets and strips for devices
featuring .070” lead spacing
Solder tails use MM #1802 receptacles, See
page 169 for details. Wraposts use MM
#1702-2 or 1703-3 receptacles, See page 198
for details
Hi-Rel, 4- nger BeCu #30 contact is rated at
3 amps. See page 253 for details
Insulators are high temperature thermoplastic,
suitable for all soldering operations
For Electrical, Mechanical and Environmental
Data, see page 264 for details
16
28
30
48
20
28
40
42
48
52
56
64
68
64
A
B
C
.070
A
B
C
0.572
0.992
1.062
1.692
0.712
0.992
1.412
1.482
1.692
1.832
1.972
2.252
2.392
2.252
0.3
0.4
0.4
0.4
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.6
0.75
0.39
0.49
0.49
0.49
0.69
0.69
0.69
0.69
0.69
0.69
0.69
0.69
0.69
0.84
35
20
18
12
28
20
14
13
11
11
10
8
8
8
ORDERING INFORMATION
See page 132 for Insulator Details
117-XX-316-41-005000
117-XX-428-41-005000
117-XX-430-41-005000
117-XX-448-41-005000
117-XX-620-41-005000
117-XX-628-41-005000
117-XX-640-41-005000
117-XX-642-41-005000
117-XX-648-41-005000
117-XX-652-41-005000
117-XX-656-41-005000
117-XX-664-41-005000
117-XX-668-41-005000
117-XX-764-41-005000
127-XX-316-41-002000
127-XX-428-41-002000
127-XX-430-41-002000
127-XX-448-41-002000
127-XX-620-41-002000
127-XX-628-41-002000
127-XX-640-41-002000
127-XX-642-41-002000
127-XX-648-41-002000
127-XX-652-41-002000
127-XX-656-41-002000
127-XX-664-41-002000
127-XX-668-41-002000
127-XX-764-41-002000
Solder Tail
L = .370
(2 Level Wrapost)
127-XX-316-41-003000
127-XX-428-41-003000
127-XX-430-41-003000
127-XX-448-41-003000
127-XX-620-41-003000
127-XX-628-41-003000
127-XX-640-41-003000
127-XX-642-41-003000
127-XX-648-41-003000
127-XX-652-41-003000
127-XX-656-41-003000
127-XX-664-41-003000
127-XX-668-41-003000
127-XX-764-41-003000
L = .510
(3 Level Wrapost)
XX=Plating Code
See to Right
OPEN FRAME DIP SOCKET
CLOSED FRAME DIP SOCKET
Contact (Clip)
SPECIFY PLATING CODE XX=
Sleeve (Pin)
10 µ”Au
200 µ”Sn/Pb
91
30 µ”Au
200 µ”Sn/Pb
93
10 µ”Au
200 µ”Sn
30 µ”Au
200 µ”Sn
Au Flash
200 µ”Sn
SINGLE ROW STRIP SOCKET
If desired, we will supply any length up to 21 pins.
64
2.252 0.75
0.84
8
217-XX-764-41-005000
227-XX-764-41-002000
227-XX-764-41-003000
21
1.482
---
.104
-
317-XX-121-41-005000
327-XX-121-41-002000
327-XX-121-41-003000
.070
.104
A = 1.482 FOR 21 POS.
RoHS - 2
2011/65/EU
.015-.025
.010 .018
.083
.020 DIA.
B
.145
.110
.165
.125
.165
L=.370
L=.510
OR
SQUARE
.025
43
47
41


Similar Part No. - 127-XX-316-41-002000

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
127-0701-201 EMERSON-NETWORKPOWER-127-0701-201 Datasheet
2Mb / 20P
   SMP Blind-Mate Connectors
logo
Glenair, Inc.
127-130-06BBS GLENAIR-127-130-06BBS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BNS GLENAIR-127-130-06BNS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BSS GLENAIR-127-130-06BSS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
127-130-06BTS GLENAIR-127-130-06BTS Datasheet
92Kb / 1P
   Reinforced Helical Convoluted Tubing
More results

Similar Description - 127-XX-316-41-002000

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
317-47-108-41-005000 MILL-MAX-317-47-108-41-005000 Datasheet
414Kb / 1P
   SERIES 117, 127, 217, 227, 317, 327 ??SHRINK DI,P SOLDER TAIL & WRAPOST
326-41-119-41-001000 MILL-MAX-326-41-119-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-41-130-41-001000 MILL-MAX-326-41-130-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-41-137-41-001000 MILL-MAX-326-41-137-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-41-146-41-001000 MILL-MAX-326-41-146-41-001000 Datasheet
124Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-91-109-41-001000 MILL-MAX-326-91-109-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-91-120-41-001000 MILL-MAX-326-91-120-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-91-122-41-001000 MILL-MAX-326-91-122-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-91-134-41-001000 MILL-MAX-326-91-134-41-001000 Datasheet
122Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
326-91-137-41-001000 MILL-MAX-326-91-137-41-001000 Datasheet
123Kb / 3P
   Interconnect Socket Wrapost with Solder Tail Socket
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com