Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS83905AGT Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS83905AGT
Description  LOW SKEW, 1:6 CRYSTAL INTERFACE-TOLVCMOS / LVTTL FANOUT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS83905AGT Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS83905AGT Datasheet HTML 3Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 4Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 5Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 6Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 7Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 8Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 9Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 10Page - Integrated Circuit Systems ICS83905AGT Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
83905AM
http://www.icst.com/products/hiperclocks.html
REV. A JANUARY 20, 2005
7
Integrated
Circuit
Systems, Inc.
ICS83905
LOW SKEW, 1:6 CRYSTAL INTERFACE-TO-
LVCMOS / LVTTL FANOUT BUFFER
PRELIMINARY
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
5z
H
M
e
c
r
u
o
S
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
UC
D0
0
1z
H
M
t
W
P
h
t
d
i
W
e
s
l
u
P
t
u
p
t
u
O
0
5%
t
R
E
P
d
o
i
r
e
P
t
u
p
t
u
O
D
B
T
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
1s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
5s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
A
C
S
O
n
i
a
G
r
o
t
a
ll
i
c
s
O
T
U
O
_
L
A
T
X
o
t
N
I
_
L
A
T
X
D
B
Tb
d
e
s
a
h
P+
°
0
6
3
o
l
u
d
o
M
t
f
i
h
S
e
s
a
h
P
p
o
o
L
D
B
.
A
5
e
l
b
a
T
m
o
r
f
s
e
t
o
n
e
e
S
TABLE 5E. AC CHARACTERISTICS, V
DD = 3.3V±5%, VDDO = 1.8V±0.2V, T
A
= 0°C TO 70°C
TABLE 5F. AC CHARACTERISTICS, V
DD = 2.5V±5%, VDDO = 1.8V±0.2V, T
A
= 0°C TO 70°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
l
a
t
s
y
r
C
l
a
n
r
e
t
x
E
g
n
i
s
U0
10
5z
H
M
e
c
r
u
o
S
k
c
o
l
C
l
a
n
r
e
t
x
E
g
n
i
s
UC
D0
0
1z
H
M
c
d
oe
l
c
y
C
y
t
u
D
t
u
p
t
u
O
0
5%
t
R
E
P
d
o
i
r
e
P
t
u
p
t
u
O
D
B
T
t
)
o
(
k
s5
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
1s
p
t
R/tF
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
5
5s
p
t
N
E
;
e
m
i
T
e
l
b
a
n
E
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
t
S
I
D
;
e
m
i
T
e
l
b
a
s
i
D
t
u
p
t
u
O
4
E
T
O
N
1
E
L
B
A
N
ED
B
Ts
m
2
E
L
B
A
N
ED
B
Ts
m
A
C
S
O
n
i
a
G
r
o
t
a
ll
i
c
s
O
T
U
O
_
L
A
T
X
o
t
N
I
_
L
A
T
X
D
B
Tb
d
e
s
a
h
P+
°
0
6
3
o
l
u
d
o
M
t
f
i
h
S
e
s
a
h
P
p
o
o
L
D
B
.
A
5
e
l
b
a
T
m
o
r
f
s
e
t
o
n
e
e
S


Similar Part No. - ICS83905AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83905AGT IDT-ICS83905AGT Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
More results

Similar Description - ICS83905AGT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS83904-02 IDT-ICS83904-02 Datasheet
405Kb / 15P
   LOW SKEW, 1-TO-4, CRYSTAL-TOLVCMOS/LVTTL FANOUT BUFFER
logo
Renesas Technology Corp
83905I RENESAS-83905I Datasheet
694Kb / 22P
   Low Skew, 1:6 Crystal Interface to LVCMOS/ LVTTL Fanout Buffer
September 28, 2016
logo
Integrated Circuit Syst...
ICS83905I ICST-ICS83905I Datasheet
221Kb / 16P
   LOW SKEW, 1:6 CRYSTAL INTERFACE-TO LVCMOS/LVTTL FANOUT BUFFER
logo
Integrated Device Techn...
ICS83905 IDT-ICS83905_07 Datasheet
447Kb / 19P
   LOW SKEW, 1:6 CRYSTAL-TO-LVCMOS/LVTTL FANOUT BUFFER
ICS83905 IDT-ICS83905_08 Datasheet
965Kb / 21P
   Low Skew, 1:6 Crystal-to- LVCMOS/LVTTL Fanout Buffer
83905 IDT-83905 Datasheet
493Kb / 21P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
logo
Renesas Technology Corp
83905 RENESAS-83905 Datasheet
691Kb / 22P
   Low Skew, 1:6 Crystal-to-LVCMOS/ LVTTL Fanout Buffer
September 27, 2016
logo
Pericom Semiconductor C...
PI6C49X0206T PERICOM-PI6C49X0206T Datasheet
1,020Kb / 8P
   Low Skew, 1-To-6 LVCMOS / LVTTL Fanout Buffer
logo
Integrated Device Techn...
83918 IDT-83918_16 Datasheet
332Kb / 19P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
logo
Renesas Technology Corp
83918 RENESAS-83918 Datasheet
527Kb / 20P
   Low Skew, 1:18 Crystal-to-LVCMOS/LVTTL Fanout Buffer
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com