Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP25M070080A Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # AP25M070080A
Description  25mm One Stage GPS Active Patch Antenna Module with front-end Saw Fi
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

AP25M070080A Datasheet(HTML) 2 Page - Taoglas antenna solutions

  AP25M070080A Datasheet HTML 1Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 2Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 3Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 4Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 5Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 6Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 7Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 8Page - Taoglas antenna solutions AP25M070080A Datasheet HTML 9Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SPE-12-8-001/D/SS
Page 2 of 9
1. Introduction
The AP.25M is a one stage 25mm active patch antenna that has been designed specifically
for embedded (inside device) integration with GPS/GALILEO receiver modules.
The AP.25M combines a 25*25*2mm advanced low profile ceramic patch antenna with a
one stage LNA and a front-end SAW filter with ultra thin coaxial cable. It comes with it’s
own integrated ground-plane. The front end SAW filter reduces the risks where there is a
cellular transmitter nearby of interference from out of band frequencies which can cause
LNA burn-out, saturation, or radiated spurious emissions.
The antenna can work on a wide input voltage from 1.8V to 5.5V with best in class power
consumption figures.
If further tuning and optimization specific to a customer device is required Taoglas offers
a custom tuned and optimized part service. Contact sales@taoglas.com for more
information. Cables and connectors can be customized according to request.
This antenna system consists of two functional blocks, the LNA portion and the patch
antenna.
.


Similar Part No. - AP25M070080A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
More results

Similar Description - AP25M070080A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP25M070080A ETC2-AP25M070080A Datasheet
1Mb / 12P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25E070054A ETC2-AP25E070054A Datasheet
1Mb / 11P
   25mm One Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP25F070078A ETC2-AP25F070078A Datasheet
1Mb / 11P
   25mm Two Stage GPS Active Patch Antenna Module with front-end Saw Filter
AP17E070064A ETC2-AP17E070064A Datasheet
1Mb / 11P
   17mm One Stage GPS Active Patch Antenna Module with Front End SAW Filter
logo
Taoglas antenna solutio...
AP25E070054A TAOGLAS-AP25E070054A Datasheet
708Kb / 10P
   25mm one Stage GPS/Galileo Active Patch Antenna Module
logo
List of Unclassifed Man...
AGGP25F070060A ETC2-AGGP25F070060A Datasheet
1Mb / 11P
   25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
Taoglas antenna solutio...
AGGP25F070060A TAOGLAS-AGGP25F070060A Datasheet
716Kb / 9P
    25mm Two Stage GPS-Glonass- GNSS Active Patch Antenna Module with Front-end Saw Filter
logo
List of Unclassifed Man...
AP35A070054A ETC2-AP35A070054A Datasheet
619Kb / 14P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
logo
Taoglas antenna solutio...
AP35A070054A TAOGLAS-AP35A070054A Datasheet
988Kb / 11P
   35mm One Stage GPS Active Patch Antenna Module with back-end Saw Filter
AP25J0110000D TAOGLAS-AP25J0110000D Datasheet
592Kb / 8P
   25mm Three Stage Active GPS Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com