Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAB720 Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # CAB720
Description  Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm ??.32 cable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CAB720 Datasheet(HTML) 3 Page - Taoglas antenna solutions

  CAB720 Datasheet HTML 1Page - Taoglas antenna solutions CAB720 Datasheet HTML 2Page - Taoglas antenna solutions CAB720 Datasheet HTML 3Page - Taoglas antenna solutions CAB720 Datasheet HTML 4Page - Taoglas antenna solutions CAB720 Datasheet HTML 5Page - Taoglas antenna solutions CAB720 Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPE-12-8-102/C/WY
Page 3 of 6
2.2 Structure and Dimensions
2.3 Electrical & Physical Specification
1
Item:
32 AWG
2
Rating Temp Voltage:
105°C
30V UL 1979
3
Insulation Resistance:
1000 MEGA OHM-KM Min.
4
Conductor Resistance:
545 OHM/KM/20°C Max.
5
Dielectric Strength:
AC 1.0 KV/minute
6
Spark test:
2.5 KV
7
Insulation
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
8
Jacket
Unaged
Tensile Strength
2500 PSI Min.(1.76Kg/mm²)
Elongation
200% min.
Aged
Tensile Strength
Unaged Min 75%(168HRS*232°C)
Elongation
Unaged Min 75%(168HRS*232°C)
9
Nom. Impedance
50
 3 Ohms
10
Nom. Capacitance
96
 3 pF/m
11
Nom. Vel. Of Prop.
69%
12
VSWR (0-6GHz)
Max 1.3
13
Flame Test
VW-1 OK
14
Attenuation (dB/1M)
2.0GHz
2.80
2.4GHz
3.10
3.0GHz
3.50
4.0GHz
4.20
5.0GHz
5.02
6.0GHz
5.40


Similar Part No. - CAB720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB720 ETC2-CAB720 Datasheet
291Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.32 cable
More results

Similar Description - CAB720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAB720 ETC2-CAB720 Datasheet
291Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.32 cable
logo
Taoglas antenna solutio...
CAB718 TAOGLAS-CAB718 Datasheet
248Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
List of Unclassifed Man...
CAB718 ETC2-CAB718 Datasheet
250Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
CAB719 ETC2-CAB719 Datasheet
255Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
logo
Taoglas antenna solutio...
CAB719 TAOGLAS-CAB719 Datasheet
254Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.13 cable
logo
List of Unclassifed Man...
CAB721 ETC2-CAB721 Datasheet
241Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.32 cable
logo
Taoglas antenna solutio...
CAB721 TAOGLAS-CAB721 Datasheet
239Kb / 5P
   Taoglas Cable Assembly Hirose U.FL to SMA(F)Bulkhead Straight Connector with 100mm 1.32 cable
logo
List of Unclassifed Man...
CABR02 ETC2-CABR02 Datasheet
310Kb / 5P
   Taoglas Cable Assembly Murata HSC to SMA(F)Bulkhead Straight Connector with 200mm 0.81 cable
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com