Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282P-TR1 Datasheet(PDF) 10 Page - Agilent(Hewlett-Packard)

Part # HSMS-282P-TR1
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-282P-TR1 Datasheet(HTML) 10 Page - Agilent(Hewlett-Packard)

Back Button HSMS-282P-TR1 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMS-282P-TR1 Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Assembly Instructions
SOT-3x3 PCB Footprint
Recommended PCB pad layouts
for the miniature SOT-3x3 (SC-70)
packages are shown in Figures 26
and 27 (dimensions are in inches).
These layouts provide ample
allowance for package placement
by automated assembly equipment
without adding parasitics that
could impair the performance.
0.026
0.035
0.07
0.016
Figure 26. PCB Pad Layout, SOT-323
(dimensions in inches).
0.026
0.075
0.016
0.035
Figure 27. PCB Pad Layout, SOT-363
(dimensions in inches).
TIME (seconds)
T
MAX
0
0
50
100
150
200
250
60
Preheat
Zone
Cool Down
Zone
Reflow
Zone
120
180
240
300
Figure 28. Surface Mount Assembly Profile.
SMT Assembly
Reliable assembly of surface
mount components is a complex
process that involves many
material, process, and equipment
factors, including: method of
heating (e.g., IR or vapor phase
reflow, wave soldering, etc.)
circuit board material, conductor
thickness and pattern, type of
solder alloy, and the thermal
conductivity and thermal mass of
components. Components with a
low mass, such as the SOT
packages, will reach solder reflow
temperatures faster than those
with a greater mass.
Agilent’s diodes have been
qualified to the time-temperature
profile shown in Figure 28. This
profile is representative of an IR
reflow type of surface mount
assembly process.
After ramping up from room
temperature, the circuit board
with components attached to it
(held in place with solder paste)
passes through one or more
preheat zones. The preheat zones
increase the temperature of the
board and components to prevent
thermal shock and begin evaporat-
ing solvents from the solder paste.
The reflow zone briefly elevates
the temperature sufficiently to
produce a reflow of the solder.
The rates of change of tempera-
ture for the ramp-up and cool-
down zones are chosen to be low
enough to not cause deformation
of the board or damage to compo-
nents due to thermal shock. The
maximum temperature in the
reflow zone (TMAX) should not
exceed 235
°C.
These parameters are typical for a
surface mount assembly process
for Agilent diodes. As a general
guideline, the circuit board and
components should be exposed
only to the minimum tempera-
tures and times necessary to
achieve a uniform reflow of
solder.
88759/02-5.PM6.0J
2001.04.25, 6:42 PM
Page 10
Adobe PageMaker 6.0J/PPC


Similar Part No. - HSMS-282P-TR1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-282P-TR1 HP-HSMS-282P-TR1 Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282P-TR1G HP-HSMS-282P-TR1G Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282P-TR1G AVAGO-HSMS-282P-TR1G Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-282P-TR1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com