Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX333M010E3P3 Datasheet(PDF) 4 Page - Cornell Dubilier Electronics

Part # SLPX333M010E3P3
Description  Type SLPX 85 째C Snap-In Aluminum Electrolytic
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX333M010E3P3 Datasheet(HTML) 4 Page - Cornell Dubilier Electronics

  SLPX333M010E3P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX333M010E3P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
63 Vdc (79 Vdc Surge)
80 Vdc (100 Vdc Surge)
3300 SLPX332M063A7P3 0.121
0.091
2.72
3.40
22 x 40
8200 SLPX822M080H4P3 0.040
0.030
5.89
7.36
35 x 45
3300 SLPX332M063C3P3 0.121
0.091
2.74
3.43
25 x 30
10000 SLPX103M080H9P3 0.033
0.025
6.63
8.29
35 x 50
3300 SLPX332M063E1P3 0.121
0.091
2.78
3.48
30 x 25
100 Vdc (125 Vdc Surge)
3900 SLPX392M063A4P3 0.102
0.077
3.09
3.86
22 x 45
820
SLPX821M100A1P3 0.324
0.243
1.86
2.33
22 x 25
3900 SLPX392M063C5P3 0.102
0.077
3.13
3.91
25 x 35
1000 SLPX102M100A3P3 0.265
0.199
2.02
2.53
22 x 30
3900 SLPX392M063E3P3 0.102
0.077
3.09
3.86
30 x 30
1200 SLPX122M100A3P3 0.221
0.166
2.12
2.65
22 x 30
4700 SLPX472M063A9P3 0.085
0.064
3.69
4.61
22 x 50
1200 SLPX122M100C1P3 0.221
0.166
2.11
2.64
25 x 25
4700 SLPX472M063C7P3 0.085
0.064
3.59
4.49
25 x 40
1500 SLPX152M100A5P3 0.177
0.133
2.45
3.06
22 x 35
4700 SLPX472M063E3P3 0.085
0.064
3.54
4.43
30 x 30
1500 SLPX152M100C3P3 0.177
0.133
2.47
3.09
25 x 30
5600 SLPX562M063C4P3 0.071
0.053
4.01
5.01
25 x 45
1800 SLPX182M100A7P3 0.147
0.110
2.77
3.46
22 x 40
5600 SLPX562M063E5P3 0.071
0.053
4.00
5.00
30 x 35
1800 SLPX182M100C5P3 0.147
0.110
2.81
3.51
25 x 35
5600 SLPX562M063H3P3 0.071
0.053
3.75
4.69
35 x 30
1800 SLPX182M100E1P3 0.147
0.110
2.65
3.31
30 x 25
6800 SLPX682M063C9P3 0.059
0.044
4.52
5.65
25 x 50
2200 SLPX222M100A4P3 0.121
0.091
3.15
3.94
22 x 45
6800 SLPX682M063E7P3 0.059
0.044
4.55
5.69
30 x 40
2200 SLPX222M100C7P3 0.121
0.091
3.21
4.01
25 x 40
6800 SLPX682M063H3P3 0.059
0.044
4.44
5.55
35 x 30
2200 SLPX222M100E3P3 0.121
0.091
3.17
3.96
30 x 30
8200 SLPX822M063E4P3 0.049
0.037
5.12
6.40
30 x 45
2700 SLPX272M100C4P3 0.098
0.074
3.66
4.58
25 x 45
8200 SLPX822M063H5P3 0.049
0.037
5.05
6.31
35 x 35
2700 SLPX272M100E5P3 0.098
0.074
3.65
4.56
30 x 35
10000 SLPX103M063E9P3 0.040
0.030
5.78
7.23
30 x 50
2700 SLPX272M100H3P3 0.098
0.074
3.77
4.71
35 x 30
10000 SLPX103M063H7P3 0.040
0.030
5.75
7.19
35 x 40
3300 SLPX332M100C9P3 0.080
0.060
4.15
5.19
25 x 50
12000 SLPX123M063E9P3 0.033
0.025
6.20
7.75
30 x 50
3300 SLPX332M100E7P3 0.080
0.060
4.18
5.23
30 x 40
12000 SLPX123M063H4P3 0.033
0.025
6.47
8.09
35 x 45
3300 SLPX332M100H5P3 0.080
0.060
4.07
5.09
35 x 35
12000 SLPX123M063H9P3 0.033
0.025
6.76
8.45
35 x 50
3900 SLPX392M100E4P3 0.068
0.051
4.67
5.84
30 x 45
80 Vdc (100 Vdc Surge)
3900 SLPX392M100H5P3 0.068
0.051
4.61
5.76
35 x 35
1200 SLPX122M080A1P3 0.276
0.207
1.77
2.21
22 x 25
4700 SLPX472M100H7P3 0.056
0.042
5.23
6.54
35 x 40
1500 SLPX152M080A3P3 0.221
0.166
2.01
2.51
22 x 30
4700 SLPX472M100E9P3 0.056
0.042
5.26
6.58
30 x 50
1800 SLPX182M080A3P3 0.184
0.138
2.11
2.64
22 x 30
5600 SLPX562M100H4P3 0.047
0.035
5.88
7.35
35 x 45
1800 SLPX182M080C1P3 0.184
0.138
2.26
2.83
25 x 25
6800 SLPX682M100H9P3 0.039
0.029
6.01
7.51
35 x 50
2200 SLPX222M080A7P3 0.151
0.113
2.53
3.16
22 x 40
160 Vdc (200 Vdc Surge)
2200 SLPX222M080C3P3 0.151
0.113
2.53
3.16
25 x 30
390
SLPX391M160A1P3 0.510
0.383
1.63
2.40
22 x 25
2200 SLPX222M080E1P3 0.151
0.113
2.56
3.20
30 x 25
470
SLPX471M160A3P3 0.423
0.317
1.86
2.73
22 x 30
2700 SLPX272M080A4P3 0.123
0.092
2.93
3.66
22 x 45
470
SLPX471M160C1P3 0.423
0.317
1.86
2.73
25 x 25
2700 SLPX272M080C5P3 0.123
0.092
2.93
3.66
25 x 35
560
SLPX561M160A3P3 0.355
0.266
2.15
3.16
22 x 30
2700 SLPX272M080E3P3 0.123
0.092
2.91
3.64
30 x 30
560
SLPX561M160C3P3 0.355
0.266
2.15
3.16
25 x 30
3300 SLPX332M080A9P3 0.101
0.076
3.23
4.04
22 x 50
680
SLPX681M160A7P3 0.293
0.220
2.35
3.45
22 x 40
3300 SLPX332M080C7P3 0.101
0.076
3.29
4.11
25 x 40
680
SLPX681M160C3P3 0.293
0.220
2.33
3.43
25 x 30
3300 SLPX332M080E3P3 0.101
0.076
3.25
4.06
30 x 30
680
SLPX681M160E1P3 0.293
0.220
2.33
3.43
30 x 25
3900 SLPX392M080C4P3 0.085
0.064
3.62
4.53
25 x 45
820
SLPX821M160A4P3 0.243
0.182
2.68
3.94
22 x 45
3900 SLPX392M080E5P3 0.085
0.064
3.70
4.63
30 x 35
820
SLPX821M160C5P3 0.243
0.182
2.65
3.90
25 x 35
4700 SLPX472M080C9P3 0.071
0.053
4.28
5.35
25 x 50
820
SLPX821M160E3P3 0.243
0.182
2.64
3.88
30 x 30
4700 SLPX472M080E7P3 0.071
0.053
4.23
5.29
30 x 40
1000 SLPX102M160A9P3 0.199
0.149
3.02
4.44
22 x 50
4700 SLPX472M080H3P3 0.071
0.053
4.12
5.15
35 x 30
1000 SLPX102M160C7P3 0.199
0.149
3.00
4.41
25 x 40
5600 SLPX562M080E4P3 0.059
0.044
4.70
5.88
30 x 45
1000 SLPX102M160E3P3 0.199
0.149
2.96
4.35
30 x 30
5600 SLPX562M080H5P3 0.059
0.044
4.64
5.80
35 x 35
1200 SLPX122M160C4P3 0.166
0.125
3.43
5.04
25 x 45
6800 SLPX682M080E9P3 0.049
0.037
5.27
6.59
30 x 50
1200 SLPX122M160E5P3 0.166
0.125
3.41
5.01
30 x 35
6800 SLPX682M080H7P3 0.049
0.037
5.24
6.55
35 x 40
1200 SLPX122M160H3P3 0.166
0.125
3.40
5.00
35 x 30
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX333M010E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX333M010E3P3 CDE-SLPX333M010E3P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX333M010E3P3 CDE-SLPX333M010E3P3 Datasheet
376Kb / 9P
   Small case size with high capacitance
More results

Similar Description - SLPX333M010E3P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX103M050E7P3 CDE-SLPX103M050E7P3 Datasheet
376Kb / 9P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX123M010A1P3 CDE-SLPX123M010A1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
80D VISHAY-80D Datasheet
340Kb / 5P
   Aluminum Capacitors 85 째C, Snap-In
Revision: 27-Aug-08
logo
Cornell Dubilier Electr...
SLP103M010A1P3 CDE-SLP103M010A1P3_1 Datasheet
483Kb / 8P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP331M250A3P3 CDE-SLP331M250A3P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
SLP472M035C1P3 CDE-SLP472M035C1P3 Datasheet
369Kb / 9P
   Type SLP 105 째C Snap-In Aluminum Electrolytic
logo
Vishay Siliconix
82DA VISHAY-82DA_08 Datasheet
189Kb / 4P
   Aluminum Capacitors 85 째C, Snap-In, General Purpose
Revision: 29-Aug-08
logo
Cornell Dubilier Electr...
LPW822M1AN25V-W CDE-LPW822M1AN25V-W Datasheet
161Kb / 3P
   85 ?C Snap-In Aluminum Electrolytic Capacitors
4CMC333M016AK8 CDE-4CMC333M016AK8 Datasheet
484Kb / 7P
   Type 4CMC 85 째C, High-Cap, Radial Leaded, Aluminum Electrolytic
3410DF472M100HPA1 CDE-3410DF472M100HPA1 Datasheet
169Kb / 4P
   85 ?C, 4-Pin, Multipin Snap-In Aluminum Electrolytic
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com