Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

60N05-16 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 60N05-16
Description  isc N-Channel MOSFET Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

60N05-16 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  60N05-16 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 60N05-16 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
2
isc N-Channel MOSFET Transistor
60N05-16
·
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
V(BR)DSS
Drain-Source Breakdown Voltage
VGS= 0; ID= 250µA
50
V
VGS(th)
Gate Threshold Voltage
VDS= VGS; ID=250µA
2.0
4.0
V
VSD
Diode Forward On-Voltage
IS=60A ;VGS= 0
1.6
V
RDS(on)
Drain-Source On-Resistance
VGS= 10V; ID=30A
16
IGSS
Gate-Body Leakage Current
VGS= ±20V;VDS= 0
±
100
nA
IDSS
Zero Gate Voltage Drain Current
VDS= 60V; VGS= 0
250
µA
tr
Rise Time
VGS=10V;ID=30A;
VDD=30V;RG=50Ω
105
ns
td(on)
Turn-on Delay Time
520


Similar Part No. - 60N05-16

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
60N05 UTC-60N05 Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
60N05 ISC-60N05 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Unisonic Technologies
60N05G-TA3-T UTC-60N05G-TA3-T Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
60N05L-TA3-T UTC-60N05L-TA3-T Datasheet
136Kb / 3P
   60A, 50V N-CHANNEL POWER MOSFET
More results

Similar Description - 60N05-16

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
60NF06 ISC-60NF06 Datasheet
94Kb / 2P
   isc N-Channel MOSFET Transistor
8N60 ISC-8N60 Datasheet
63Kb / 2P
   isc N-Channel Mosfet Transistor
MDP1922 ISC-MDP1922 Datasheet
338Kb / 2P
   isc N-Channel MOSFET Transistor
SUD25N15-52 ISC-SUD25N15-52 Datasheet
321Kb / 2P
   Isc N-Channel MOSFET Transistor
STW20NM50FD ISC-STW20NM50FD Datasheet
324Kb / 2P
   Isc N-Channel MOSFET Transistor
MMF80R450P ISC-MMF80R450P Datasheet
313Kb / 2P
   Isc N-Channel MOSFET Transistor
SPI21N50C3 ISC-SPI21N50C3 Datasheet
355Kb / 3P
   Isc N-Channel MOSFET Transistor
2SK1162 ISC-2SK1162 Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
2N7000 ISC-2N7000 Datasheet
312Kb / 2P
   Isc N-Channel MOSFET Transistor
IPB156N22NFD ISC-IPB156N22NFD Datasheet
268Kb / 2P
   Isc N-Channel MOSFET Transistor
IRF3205STRLPBF ISC-IRF3205STRLPBF Datasheet
266Kb / 2P
   isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com