Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM46002AQPWPRQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM46002AQPWPRQ1
Description  3.5-V to 60-V, 2-A, Synchronous Step-Down Voltage Converter
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM46002AQPWPRQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM46002AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments LM46002AQPWPRQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
6
LM46002-Q1, LM46002A-Q1
SNVSAA2B – JULY 2015 – REVISED JULY 2017
www.ti.com
Product Folder Links: LM46002-Q1 LM46002A-Q1
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Limits apply over the recommended operating junction temperature (TJ) range of –40°C to +125°C, unless otherwise stated.
Minimum and Maximum limits are specified through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated, the following
conditions apply: VIN = 24 V, VOUT = 3.3 V, FS = 500 kHz.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(1)
Ensured by design. Not production tested.
(2)
Measured at package pins
VOLTAGE REFERENCE (FB PIN)
VFB
Feedback voltage
TJ = 25°C
1.004
1.011
1.018
V
TJ = –40°C to 125°C
0.994
1.011
1.030
ILKG-FB
Input leakage current at FB pin
FB = 1.011 V
0.2
65
nA
THERMAL SHUTDOWN
TSD
(1)
Thermal shutdown
Shutdown threshold
160
°C
Recovery threshold
150
°C
CURRENT LIMIT AND HICCUP
IHS-LIMIT
Peak inductor current limit
3.6
4.5
5
A
ILS-LIMIT
Valley inductor current limit
1.8
2.05
2.3
A
SOFT START (SS/TRK PIN)
ISSC
Soft-start charge current
1.17
2
2.75
µA
RSSD
Soft-start discharge resistance
UVLO, TSD, OCP, or EN = 0 V
16
POWER GOOD (PGOOD PIN)
VPGOOD-HIGH
Power-good flag overvoltage tripping
threshold
% of FB voltage
110%
113%
VPGOOD-LOW
Power-good flag undervoltage tripping
threshold
% of FB voltage
80%
88%
VPGOOD-HYS
Power-good flag recovery hysteresis
% of FB voltage
6%
RPGOOD
PGOOD pin pull down resistance when
power bad
VEN = 3.3 V
69
150
Ω
VEN = 0 V
150
350
MOSFETS(2)
RDS-ON-HS
High-side MOSFET ON-resistance
IOUT = 1 A
VBIAS = VOUT = 3.3 V
210
RDS-ON-LS
Low-side MOSFET ON-resistance
IOUT = 1 A
VBIAS = VOUT = 3.3 V
110
6.6 Timing Requirements
PARAMETER
MIN
NOM
MAX
UNIT
CURRENT LIMIT AND HICCUP
NOC
Hiccup wait cycles when LS current limit tripped
32
Cycles
TOC
Hiccup retry delay time
5.5
ms
SOFT START (SS/TRK PIN)
TSS
Internal soft-start time when SS pin open circuit
4.1
ms
POWER GOOD (PGOOD PIN)
TPGOOD-RISE Power-good flag rising transition deglitch delay
220
µs
TPGOOD-FALL Power-good flag falling transition deglitch delay
220
µs


Similar Part No. - LM46002AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46002 TI-LM46002 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
logo
TEXAS ADVANCED OPTOELEC...
LM46002EVM TAOS-LM46002EVM Datasheet
1Mb / 16P
   evaluation module (EVM) helps designers evaluate the operation
logo
Texas Instruments
LM46002PWP TI-LM46002PWP Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
More results

Similar Description - LM46002AQPWPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM46000-Q1 TI1-LM46000-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 0.5-A Synchronous Step-Down Voltage Converter
LM46002-Q1 TI-LM46002-Q1_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM46002 TI-LM46002_15 Datasheet
1Mb / 52P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 2 A Synchronous Step-Down Voltage Converter
LM76005 TI1-LM76005 Datasheet
1Mb / 39P
[Old version datasheet]   LM76005 3.5-V to 60-V, 5-A Synchronous Step-Down Converter
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM46000-Q1 TI-LM46000-Q1_15 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com