Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC6042 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMC6042
Description  CMOS Dual Micropower Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6042 Datasheet(HTML) 5 Page - Texas Instruments

  LMC6042_17 Datasheet HTML 1Page - Texas Instruments LMC6042_17 Datasheet HTML 2Page - Texas Instruments LMC6042_17 Datasheet HTML 3Page - Texas Instruments LMC6042_17 Datasheet HTML 4Page - Texas Instruments LMC6042_17 Datasheet HTML 5Page - Texas Instruments LMC6042_17 Datasheet HTML 6Page - Texas Instruments LMC6042_17 Datasheet HTML 7Page - Texas Instruments LMC6042_17 Datasheet HTML 8Page - Texas Instruments LMC6042_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LMC6042
www.ti.com
SNOS611E – AUGUST 1999 – REVISED MARCH 2013
Typical Performance Characteristics
VS = ±7.5V, TA = 25°C unless otherwise specified
Offset Voltage vs
Supply Current vs
Temperature of Five
Supply Voltage
Representative Units
Figure 3.
Figure 4.
Input Bias Current
Input Bias Current
vs Input Common-Mode
vs Temperature
Voltage
Figure 5.
Figure 6.
Input Bias Current
Voltage Range
Output Characteristics
vs Temperature
Current Sinking
Figure 7.
Figure 8.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMC6042


Similar Part No. - LMC6042_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6042AIJ TI-LMC6042AIJ Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042AIJ TI1-LMC6042AIJ Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6042AIM NSC-LMC6042AIM Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIM TI-LMC6042AIM Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
LMC6042AIM TI1-LMC6042AIM Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
More results

Similar Description - LMC6042_17

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6042 NSC-LMC6042 Datasheet
401Kb / 13P
   CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042 TI1-LMC6042 Datasheet
1Mb / 24P
[Old version datasheet]   CMOS Dual Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6062 NSC-LMC6062 Datasheet
321Kb / 12P
   Precision CMOS Dual Micropower Operational Amplifier
logo
Texas Instruments
LMC6042AIMX TI1-LMC6042AIMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2721 ALD-ALD2721_11 Datasheet
111Kb / 13P
   DUAL EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6042IMX TI-LMC6042IMX Datasheet
1Mb / 24P
[Old version datasheet]   LMC6042 CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2731A ALD-ALD2731A Datasheet
92Kb / 9P
   PRECISION DUAL MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062IM-NOPB TI1-LMC6062IM-NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD2736A ALD-ALD2736A Datasheet
92Kb / 9P
   PRECISION DUAL ULTRA MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LMC6062 TI1-LMC6062 Datasheet
1Mb / 21P
[Old version datasheet]   LMC6062 Precision CMOS Dual Micropower Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com