Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMH6715MA Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH6715MA
Description  Dual Wideband Video Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6715MA Datasheet(HTML) 3 Page - Texas Instruments

  LMH6715MA Datasheet HTML 1Page - Texas Instruments LMH6715MA Datasheet HTML 2Page - Texas Instruments LMH6715MA Datasheet HTML 3Page - Texas Instruments LMH6715MA Datasheet HTML 4Page - Texas Instruments LMH6715MA Datasheet HTML 5Page - Texas Instruments LMH6715MA Datasheet HTML 6Page - Texas Instruments LMH6715MA Datasheet HTML 7Page - Texas Instruments LMH6715MA Datasheet HTML 8Page - Texas Instruments LMH6715MA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMH6715
www.ti.com
SNOSA10C – MAY 2002 – REVISED APRIL 2013
Electrical Characteristics
(1)
AV = +2, RF = 500Ω, VCC = ±5 V, RL = 100Ω; unless otherwise specified. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
SSBW
-3dB Bandwidth
VOUT < 0.5VPP, RF = 300Ω
280
400
MHz
LSBW
-3dB Bandwidth
VOUT < 4.0VPP, RF = 300Ω
170
MHz
Gain Flatness
VOUT < 0.5VPP
GFP
Peaking
DC to 100MHz, RF = 300Ω
0.1
dB
GFR
Rolloff
DC to 100MHz, RF = 300Ω
0.1
dB
LPD
Linear Phase Deviation
DC to 100MHz, RF = 300Ω
0.25
deg
DG
Differential Gain
RL = 150Ω, 4.43MHz
0.02
%
DP
Differential Phase
RL = 150Ω, 4.43MHz
0.02
deg
Time Domain Response
Tr
Rise and Fall Time
0.5V Step
1.4
ns
4V Step
3
ns
Ts
Settling Time to 0.05%
2V Step
12
ns
OS
Overshoot
0.5V Step
1
%
SR
Slew Rate
2V Step
1300
V/
μs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
2VPP, 20MHz
−60
dBc
HD3
3rd Harmonic Distortion
2VPP, 20MHz
−75
dBc
Equivalent Input Noise
VN
Non-Inverting Voltage
>1MHz
3.4
nV/
√Hz
IN
Inverting Current
>1MHz
10.0
pA/
√Hz
INN
Non-Inverting Current
>1MHz
1.4
pA/
√Hz
SNF
Noise Floor
>1MHz
−153
dB1Hz
XTLKA
Crosstalk
Input Referred 10MHz
−70
dB
Static, DC Performance
VIO
Input Offset Voltage
±2
±6
mV
±8
DVIO
Average Drift
±30
μV/°C
IBN
Input Bias Current
Non-Inverting
±5
±12
μA
±20
DIBN
Average Drift
±30
nA/°C
IBI
Input Bias Current
Inverting
±6
±21
μA
±35
DIBI
Average Drift
±20
nA/°C
PSRR
Power Supply Rejection Ratio
DC
46
60
dB
44
CMRR
Common Mode Rejection Ratio
DC
50
56
dB
47
ICC
Supply Current per Amplifier
RL = ∞
4.7
5.8
7.6
mA
4.1
8.1
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
1000
k
CIN
Input Capacitance
Non-Inverting
1.0
pF
ROUT
Output Resistance
Closed Loop
.06
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Application Section for information on temperature de-rating of this device."
Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6715


Similar Part No. - LMH6715MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6715MA NSC-LMH6715MA Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715MA TI1-LMH6715MA Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715MA/NOPB TI1-LMH6715MA/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715MAX NSC-LMH6715MAX Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715MAX/NOPB TI1-LMH6715MAX/NOPB Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
More results

Similar Description - LMH6715MA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
LMH6715QML TI1-LMH6715QML_13 Datasheet
616Kb / 18P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
LMH6715 NSC-LMH6715 Datasheet
484Kb / 12P
   Dual Wideband Video Op Amp
logo
Texas Instruments
LMH6715QML TI1-LMH6715QML Datasheet
426Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC412 TI1-CLC412 Datasheet
919Kb / 20P
[Old version datasheet]   Dual Wideband Video Op Amp
logo
National Semiconductor ...
CLC412 NSC-CLC412 Datasheet
1Mb / 12P
   Dual Wideband Video Op Amp
logo
Analog Devices
AD828 AD-AD828 Datasheet
256Kb / 12P
   Dual, Low Power Video Op Amp
REV. B
AD828 AD-AD828_02 Datasheet
448Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828 AD-AD828_15 Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
AD828ARZ AD-AD828ARZ Datasheet
462Kb / 12P
   Dual, Low Power Video Op Amp
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com