Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-282E-BLK Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSMS-282E-BLK
Description  Surface Mount RF Schottky Barrier Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-282E-BLK Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSMS-282E-BLK Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSMS-282E-BLK Datasheet HTML 14Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
Package Dimensions
Outline 23 (SOT-23)
Outline 143 (SOT-143)
3
1
2
X X X
PACKAGE
MARKING
CODE (XX)
DATE CODE (X)
SIDE VIEW
TOP VIEW
END VIEW
THESE DIMENSIONS FOR HSMS-280X AND -281X FAMILIES ONLY.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
1.02 (0.040)
0.89 (0.035)
1.03 (0.041)
0.89 (0.035)
0.60 (0.024)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
3.06 (0.120)
2.80 (0.110)
2.04 (0.080)
1.78 (0.070)
2.05 (0.080)
1.78 (0.070)
1.04 (0.041)
0.85 (0.033)
0.152 (0.006)
0.086 (0.003)
0.180 (0.007)
0.085 (0.003)
0.10 (0.004)
0.013 (0.0005)
0.69 (0.027)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
*
*
*
*
0.69 (0.027)
0.45 (0.018)
1.40 (0.055)
1.20 (0.047)
2.65 (0.104)
2.10 (0.083)
0.60 (0.024)
0.45 (0.018)
0.54 (0.021)
0.37 (0.015)
0.10 (0.004)
0.013 (0.0005)
1.04 (0.041)
0.85 (0.033)
0.92 (0.036)
0.78 (0.031)
2.04 (0.080)
1.78 (0.070)
DIMENSIONS ARE IN MILLIMETERS (INCHES)
0.15 (0.006)
0.09 (0.003)
3.06 (0.120)
2.80 (0.110)
PACKAGE
MARKING
CODE (XX)
BE
C
E
X X X
DATE CODE (X)
Part Number Ordering Information
No. of
Part Number
Devices
Container
HSMS-282x-TR2 *
10000
13" Reel
HSMS-282x-TR1 *
3000
7" Reel
HSMS-282x-BLK *
100
antistatic bag
x = 0, 2, 3, 4, 5, 7, 8, 9, B, C, E, F, K, L, M, N, P or R
Outline SOT-363 (SC-70 6 Lead)
Outline SOT-323 (SC-70 3 Lead)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)
2.20 (0.087)
2.00 (0.079)
1.35 (0.053)
1.15 (0.045)
1.30 (0.051)
REF.
0.650 BSC (0.025)
2.20 (0.087)
1.80 (0.071)
0.10 (0.004)
0.00 (0.00)
0.25 (0.010)
0.15 (0.006)
1.00 (0.039)
0.80 (0.031)
0.20 (0.008)
0.10 (0.004)
0.30 (0.012)
0.10 (0.004)
0.30 REF.
10
°
0.425 (0.017)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES)
PACKAGE
MARKING
CODE (XX)
X X X
DATE CODE (X)
88759/02-5.PM6.0J
2001.04.25, 6:42 PM
Page 11
Adobe PageMaker 6.0J/PPC


Similar Part No. - HSMS-282E-BLK

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMS-282E-BLK HP-HSMS-282E-BLK Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E-BLKG HP-HSMS-282E-BLKG Datasheet
212Kb / 14P
   Surface Mount RF Schottky Barrier Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-282E-BLKG AVAGO-HSMS-282E-BLKG Datasheet
505Kb / 15P
   Surface Mount RF Schottky Barrier
More results

Similar Description - HSMS-282E-BLK

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-281C-TR1G AVAGO-HSMS-281C-TR1G Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2813-BLKG AVAGO-HSMS-2813-BLKG Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
logo
Broadcom Corporation.
HSMS-282K BOARDCOM-HSMS-282K Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282N BOARDCOM-HSMS-282N Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2812 BOARDCOM-HSMS-2812 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2822 BOARDCOM-HSMS-2822 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2825 BOARDCOM-HSMS-2825 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-282E BOARDCOM-HSMS-282E Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280B BOARDCOM-HSMS-280B Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-280F BOARDCOM-HSMS-280F Datasheet
196Kb / 10P
   Surface Mount RF Schottky Barrier Diodes
HSMS-2824 BOARDCOM-HSMS-2824 Datasheet
1Mb / 15P
   Surface Mount RF Schottky Barrier Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com