Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIOL1115DMWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TIOL1115DMWT
Description  IO-Link Device Transceivers with Integrated Surge Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOL1115DMWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TIOL1115DMWT Datasheet HTML 2Page - Texas Instruments TIOL1115DMWT Datasheet HTML 3Page - Texas Instruments TIOL1115DMWT Datasheet HTML 4Page - Texas Instruments TIOL1115DMWT Datasheet HTML 5Page - Texas Instruments TIOL1115DMWT Datasheet HTML 6Page - Texas Instruments TIOL1115DMWT Datasheet HTML 7Page - Texas Instruments TIOL1115DMWT Datasheet HTML 8Page - Texas Instruments TIOL1115DMWT Datasheet HTML 9Page - Texas Instruments TIOL1115DMWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
TIOL111
SLLSEV5 – JULY 2017
www.ti.com
Product Folder Links: TIOL111
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PROTECTION CIRCUITS
V(UVLO)
L+ under voltage lockout
L+ falling; NFAULT = Hi-Z
6
V
L+ rising; NFAULT = LOW
6.5
V
V(UVLO,HYS)
L+ under voltage hysteresis
Rising to falling threshold
100
mV
V(UVLO_IN)
VCC_IN under voltage lockout
(No LDO option)
VCC_IN falling; NFAULT = Hi-Z
2.4
V
VCC_IN rising; NFAULT = LOW
2.5
V
V(UVLO,HYS)
VCC_IN under voltage hysteresis
(No LDO option)
Rising to falling threshold
100
mV
T(WRN)
Thermal warning
Die temperature TJ
125
°C
T(SDN)
Thermal shutdown
150
160
°C
T(HYS)
Thermal hysteresis for shutdown
10
°C
IREV
Leakage current in reverse
polarity
EN = LOW, TX=x; V(CQ) < V(L-) or V(CQ) > V(L+),
up to |36 V|
50
µA
EN = LOW, TX=x; V(CQ) < V(L-) or V(CQ) > V(L+),
up to |55 V|
80
µA
EN = HIGH, TX = LOW; V(CQ to L+) = 3 V
550
µA
EN = HIGH, TX = HIGH; V(CQ to L-) = -3 V
10
µA
LINEAR REGULATOR (LDO)
V(VCC_OUT)
Voltage regulator output
TIOL111-5
4.75
5
5.25
V
TIOL111-3
3.13
3.3
3.46
V
V(DROP)
Voltage regulator drop-out
voltage
(V(L+) – V(VCC_OUT))
ICC = 20 mA load current
TIOL111-5
1.9
V
TIOL111-3
2.3
V
REG
Line regulation
(dV(VCC_OUT)/dV(L+))
I(VCC_OUT) = 1 mA
1.7
mV/V
LREG
Load regulation
(dV(VCC_OUT)/V(VCC_OUT))
V(L+) = 24 V, I(VCC_OUT) = 100 µA to 20 mA
1%
PSSR
Power Supply Rejection Ratio
100 kHz, I(VCC_OUT) = 20 mA
40
dB


Similar Part No. - TIOL1115DMWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL1115DMWT TI1-TIOL1115DMWT Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
More results

Similar Description - TIOL1115DMWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
   IO-Link Transceiver with Integrated Protection
2021
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
   IO-Link Device IC with integrated Frame Handler
logo
Renesas Technology Corp
CCE4502 RENESAS-CCE4502 Datasheet
1Mb / 47P
   CCE4502 IO-Link Device IC with Integrated Frame Handler
Mar 8, 2023
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com