Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIOL111DMWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TIOL111DMWR
Description  IO-Link Device Transceivers with Integrated Surge Protection
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIOL111DMWR Datasheet(HTML) 1 Page - Texas Instruments

  TIOL111DMWR Datasheet HTML 1Page - Texas Instruments TIOL111DMWR Datasheet HTML 2Page - Texas Instruments TIOL111DMWR Datasheet HTML 3Page - Texas Instruments TIOL111DMWR Datasheet HTML 4Page - Texas Instruments TIOL111DMWR Datasheet HTML 5Page - Texas Instruments TIOL111DMWR Datasheet HTML 6Page - Texas Instruments TIOL111DMWR Datasheet HTML 7Page - Texas Instruments TIOL111DMWR Datasheet HTML 8Page - Texas Instruments TIOL111DMWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
DIAGNOSTICS
and
CONTROL
VOLTAGE
REGULATOR
ILIM_ADJ
CUR_OK
EN
TX
VCC_OUT
PWR_OK
L+
CQ
L-
TMP_OK
WAKE
RX
NFAULT
TIOL111-x
1 µF
10 V
RSET
Microcontroller
0.1 µF
100 V
10
10
Sensor
Front-End
IO-Link Master
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TIOL111
SLLSEV5 – JULY 2017
TIOL111 IO-Link Device Transceivers with Integrated Surge Protection
1
1 Features
1
7-V to 36-V Supply Voltage
PNP, NPN or IO-Link Configurable Output
IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
Low Residual Voltage of 1.75 V at 250 mA
50-mA to 350-mA Configurable Current Limit
Tolerant to ±65-V Transients < 100 µs
Reverse Polarity Protection of up to 55 V on L+,
CQ and L-
Integrated EMC Protection on L+ and CQ
±16 kV IEC 61000-4-2 ESD Contact Discharge
±4 kV IEC 61000-4-4 Electrical Fast Transient
±1.2 kV/500
Ω IEC 61000-4-5 Surge
Fast Demagnetization of Inductive Loads
up to 1.5 H
Large Capacitive Load Driving Capability
< 2-µA CQ Leakage Current
< 1.5-mA Quiescent Supply Current
Integrated LDO Options for up to 20 mA Current
TIOL111: No LDO
TIOL111-3: 3.3-V LDO
TIOL111-5: 5-V LDO
Overtemperature Warning and Thermal Protection
Remote Wake-up Indicator
Fault Indicator
Extended Ambient Temperature: –40°C to 125°C
2.5 mm x 3 mm 10-pin VSON Package
2 Applications
IO-Link Sensors and Actuators
Factory Automation
Process Automation
3 Description
The TIOL111 family of transceivers implements the
IO-Link interface for industrial bidirectional, point-to-
point communication. When the device is connected
to an IO-Link master through a three-wire interface,
the master can initiate communication and exchange
data with the remote node while the TIOL111 acts as
a complete physical layer for the communication.
These devices are capable of withstanding up to 1.2
kV (500
Ω) of IEC 61000-4-5 surge and feature
integrated reverse polarity protection.
A simple pin-programmable interface allows easy
interfacing to the controller circuits. The output
current limit can be configured using an external
resistor.
Fault reporting and internal protection functions are
provided for under voltage, over current and over
temperature conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TIOL111
VSON (10)
2.50 mm x 3.00 mm
TIOL111-3
TIOL111-5
(1) For all available devices, see the orderable addendum at the
end of the data sheet.
Typical Application Diagram


Similar Part No. - TIOL111DMWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111DMWR TI1-TIOL111DMWR Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
More results

Similar Description - TIOL111DMWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
[Old version datasheet]   IO-Link Device Transceivers with Integrated Surge Protection
TIOL112 TI-TIOL112_V01 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
APRIL 2022
TIOL112 TI-TIOL112 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
FEBRUARY 2022
TIOL112 TI-TIOL112_V03 Datasheet
2Mb / 38P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED MARCH 2023
TIOL112 TI-TIOL112_V02 Datasheet
2Mb / 35P
[Old version datasheet]   TIOL112 and TIOL112x IO-Link Device Transceivers with Low Residual Voltage and Integrated Surge Protection in Small Packages
REVISED DECEMBER 2022
logo
Maxim Integrated Produc...
MAX22515 MAXIM-MAX22515 Datasheet
608Kb / 37P
   IO-Link Transceiver with Integrated Protection
2021
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
   IO-Link Device IC with integrated Frame Handler
logo
Renesas Technology Corp
CCE4502 RENESAS-CCE4502 Datasheet
1Mb / 47P
   CCE4502 IO-Link Device IC with Integrated Frame Handler
Mar 8, 2023
CCE4503 RENESAS-CCE4503 Datasheet
485Kb / 17P
   IO-Link Device IC
Jan 25, 2023
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
   IO-Link Device Transceiver
Rev 0; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com