Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2196IDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2196IDR
Description  36-V, Low-Power, Low Offset Voltage, Rail-to-Rail Operational Amplifier
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2196IDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2196IDR Datasheet HTML 6Page - Texas Instruments OPA2196IDR Datasheet HTML 7Page - Texas Instruments OPA2196IDR Datasheet HTML 8Page - Texas Instruments OPA2196IDR Datasheet HTML 9Page - Texas Instruments OPA2196IDR Datasheet HTML 10Page - Texas Instruments OPA2196IDR Datasheet HTML 11Page - Texas Instruments OPA2196IDR Datasheet HTML 12Page - Texas Instruments OPA2196IDR Datasheet HTML 13Page - Texas Instruments OPA2196IDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
10
OPA196, OPA2196, OPA4196
SBOS869 – JULY 2017
www.ti.com
Product Folder Links: OPA196 OPA2196 OPA4196
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: VS = ±2.25 V to ±4 V (VS = 4.5 V to 8 V) (continued)
at TA = +25°C, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
FREQUENCY RESPONSE
GBW
Unity gain bandwidth
2.2
MHz
SR
Slew rate
VS = ±2.25V, G = 1, 1-V step
Rising
6.5
V/µs
Falling
5.5
tOR
Overload recovery time
VIN × G = VS
From overload to negative rail
0.4
µs
From overload to positive rail
1
Crosstalk
OPA2196 and OPA4196, at dc
150
dB
OPA2196 and OPA4196, f = 100 kHz
130
dB
OUTPUT
VO
Voltage output swing from
rail
Positive rail
No load
5
15
mV
RL = 10 kΩ
15
110
RL = 2 kΩ
60
500
Negative rail
No load
5
15
RL = 10 kΩ
15
110
RL = 2 kΩ
60
500
ISC
Short-circuit current
VS = ±2.25V
±30
mA
CL
Capacitive load drive
See Typical Characteristics
ZO
Open-loop output
impedance
f = 1 MHz, IO = 0 A, see Figure 19
700
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0 A
140
200
µA
TA = –40°C to +125°C
250
TEMPERATURE
Thermal protection
180
°C
Thermal hysteresis
30
°C


Similar Part No. - OPA2196IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2191 TI1-OPA2191 Datasheet
3Mb / 49P
[Old version datasheet]    Low Input Bias Current Op Amp
OPA2191 TI1-OPA2191 Datasheet
3Mb / 49P
[Old version datasheet]   Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191 TI1-OPA2191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191 TI1-OPA2191 Datasheet
3Mb / 51P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
OPA2191 TI1-OPA2191 Datasheet
3Mb / 52P
[Old version datasheet]   36-V, Low Power, Precision, CMOS, Rail-to-Rail Input/Output, Low Offset Voltage, Low Input Bias Current Op Amp
More results

Similar Description - OPA2196IDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSB611 STMICROELECTRONICS-TSB611 Datasheet
1Mb / 24P
   Low-power, rail-to-rail output, 36 V operational amplifier
August 2015 Rev 1
logo
Texas Instruments
OPA197 TI1-OPA197_16 Datasheet
1Mb / 39P
[Old version datasheet]   36-V, Precision, Rail-to-Rail Input/Output, Low Offset Voltage Operational Amplifiers
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Rohm
BD5291GWL ROHM-BD5291GWL Datasheet
1Mb / 28P
   Input/Output Rail to Rail Low Input Offset Voltage Operational Amplifier
02.Sep.2022 Rev.001
logo
STMicroelectronics
TSB621 STMICROELECTRONICS-TSB621 Datasheet
1Mb / 35P
   Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
Rev 3 - December 2022
logo
ON Semiconductor
NCS20231 ONSEMI-NCS20231 Datasheet
763Kb / 24P
   Operational Amplifier, 36 V, 3 MHz, 0.95 mV Input Offset Voltage, Rail-to-Rail
April, 2022 - Rev. 2
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com