Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62569
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV62569 Datasheet HTML 6Page - Texas Instruments TLV62569 Datasheet HTML 7Page - Texas Instruments TLV62569 Datasheet HTML 8Page - Texas Instruments TLV62569 Datasheet HTML 9Page - Texas Instruments TLV62569 Datasheet HTML 10Page - Texas Instruments TLV62569 Datasheet HTML 11Page - Texas Instruments TLV62569 Datasheet HTML 12Page - Texas Instruments TLV62569 Datasheet HTML 13Page - Texas Instruments TLV62569 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
÷
ø
ö
ç
è
æ
+
´
=
÷
ø
ö
ç
è
æ
+
´
=
2
1
1
6
.
0
2
1
1
R
R
V
R
R
V
V
FB
OUT
10
TLV62569, TLV62569P
SLVSDG1B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
Inductor tolerance and current de-rating is anticipated. The effective inductance can vary by +20% and -30%.
(2)
Capacitance tolerance and bias voltage de-rating is anticipated. The effective capacitance can vary by +20% and -50%.
(3)
This LC combination is the standard value and recommended for most applications.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer provides a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
Run electrical simulations to see important waveforms and circuit performance
Run thermal simulations to understand board thermal performance
Export customized schematic and layout into popular CAD formats
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
8.2.2.2 Setting the Output Voltage
An external resistor divider is used to set output voltage according to Equation 2.
When sizing R2, in order to achieve low current consumption and acceptable noise sensitivity, use a maximum of
200 kΩ for R2. Larger currents through R2 improve noise sensitivity and output voltage accuracy but increase
current consumption.
(2)
A feed forward capacitor, C3 improves the loop bandwidth to make a fast transient response (shown in
Figure 19). 6.8-pF capacitance is recommended for R2 of 100-kΩ resistance. A more detailed discussion on the
optimization for stability vs. transient response can be found in SLVA289.
8.2.2.3 Output Filter Design
The inductor and output capacitor together provide a low-pass filter. To simplify this process, Table 4 outlines
possible inductor and capacitor value combinations. Checked cells represent combinations that are proven for
stability by simulation and lab test. Further combinations should be checked for each individual application.
Table 4. Matrix of Output Capacitor and Inductor Combinations
VOUT [V]
L [µH](1)
COUT [µF]
(2)
4.7
10
22
2 x 22
100
0.6
≤ VOUT < 1.2
1
+
2.2
++(3)
1.2
≤ VOUT < 1.8
1
+
+
2.2
++(3)
+
1.8
≤ VOUT
1
+
+
+
2.2
++(3)
+
+


Similar Part No. - TLV62569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569A TI1-TLV62569A Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
TLV62569ADRL TI1-TLV62569ADRL Datasheet
1Mb / 22P
[Old version datasheet]   1-, 2-A Step Down Converter with Forced PWM Feature in SOT563 Package
More results

Similar Description - TLV62569

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com