Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DRL Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV62569DRL
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DRL Datasheet(HTML) 4 Page - Texas Instruments

  TLV62569DRL Datasheet HTML 1Page - Texas Instruments TLV62569DRL Datasheet HTML 2Page - Texas Instruments TLV62569DRL Datasheet HTML 3Page - Texas Instruments TLV62569DRL Datasheet HTML 4Page - Texas Instruments TLV62569DRL Datasheet HTML 5Page - Texas Instruments TLV62569DRL Datasheet HTML 6Page - Texas Instruments TLV62569DRL Datasheet HTML 7Page - Texas Instruments TLV62569DRL Datasheet HTML 8Page - Texas Instruments TLV62569DRL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
TLV62569, TLV62569P
SLVSDG1B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±500
V
(1)
Refer to the Application and Implementation section for further information.
6.3 Recommended Operating Conditions
(1)
MIN
TYP
MAX
UNIT
VIN
Input voltage
2.5
5.5
V
VOUT
Output voltage
0.6
VIN
V
IOUT
Output current
0
2
A
TJ
Operating junction temperature
–40
125
°C
ISINK_PG Sink current at PG pin
1
mA
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
TLV62569
DBV (5 Pins)
TLV62569P
DDC (6 Pins)
UNIT
RθJA
Junction-to-ambient thermal resistance
188.2
106.2
°C/W
RθJC(to
p)
Junction-to-case (top) thermal resistance
137.5
52.9
°C/W
RθJB
Junction-to-board thermal resistance
41.2
31.2
°C/W
ψJT
Junction-to-top characterization parameter
31.4
11.3
°C/W
ψJB
Junction-to-board characterization parameter
40.6
31.6
°C/W
RθJC(b
ot)
Junction-to-case (bottom) thermal resistance
n/a
n/a
°C/W


Similar Part No. - TLV62569DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DRL TI1-TLV62569DRL Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DRLR TI1-TLV62569DRLR Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DRLT TI1-TLV62569DRLT Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com