Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62569DRL Datasheet(PDF) 8 Page - Texas Instruments

Part # TLV62569DRL
Description  2-A High Efficiency Synchronous Buck Converter in SOT Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62569DRL Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV62569DRL Datasheet HTML 4Page - Texas Instruments TLV62569DRL Datasheet HTML 5Page - Texas Instruments TLV62569DRL Datasheet HTML 6Page - Texas Instruments TLV62569DRL Datasheet HTML 7Page - Texas Instruments TLV62569DRL Datasheet HTML 8Page - Texas Instruments TLV62569DRL Datasheet HTML 9Page - Texas Instruments TLV62569DRL Datasheet HTML 10Page - Texas Instruments TLV62569DRL Datasheet HTML 11Page - Texas Instruments TLV62569DRL Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
8
TLV62569, TLV62569P
SLVSDG1B – DECEMBER 2016 – REVISED JUNE 2017
www.ti.com
Product Folder Links: TLV62569 TLV62569P
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Soft Startup
After enabling the device, internal soft startup circuitry ramps up the output voltage which reaches nominal output
voltage during a startup time. This avoids excessive inrush current and creates a smooth output voltage rise
slope. It also prevents excessive voltage drops of primary cells and rechargeable batteries with high internal
impedance.
The TLV62569 is able to start into a pre-biased output capacitor. The converter starts with the applied bias
voltage and ramps the output voltage to its nominal value.
7.3.4 Switch Current Limit
The switch current limit prevents the device from high inductor current and drawing excessive current from a
battery or input voltage rail. Excessive current might occur with a heavy load or shorted output circuit condition.
The TLV62569 adopts the peak current control by sensing the current of the high-side switch. Once the high-side
switch current limit is reached, the high-side switch is turned off and low-side switch is turned on to ramp down
the inductor current with an adaptive off-time.
7.3.5 Under Voltage Lockout
To avoid mis-operation of the device at low input voltages, under voltage lockout is implemented that shuts down
the device at voltages lower than VUVLO with VHYS_UVLO hysteresis.
7.3.6 Thermal Shutdown
The device enters thermal shutdown once the junction temperature exceeds the thermal shutdown rising
threshold, TJSD. Once the junction temperature falls below the falling threshold, the device returns to normal
operation automatically.
7.4 Device Functional Modes
7.4.1 Enabling/Disabling the Device
The device is enabled by setting the EN input to a logic High. Accordingly, a logic Low disables the device. If the
device is enabled, the internal power stage starts switching and regulates the output voltage to the set point
voltage. The EN input must be terminated and should not be left floating.
7.4.2 Power Good
The TLV62569P has a power good output. The PG pin goes high impedance once the output is above 95% of
the nominal voltage, and is driven low once the output voltage falls below typically 90% of the nominal voltage.
The PG pin is an open-drain output and is specified to sink up to 1 mA. The power good output requires a pull-up
resistor connecting to any voltage rail less than 5.5 V. The PG signal can be used for sequencing of multiple rails
by connecting it to the EN pin of other converters. Leave the PG pin unconnected when not used.
Table 1. PG Pin Logic
DEVICE CONDITIONS
LOGIC STATUS
HIGH Z
LOW
Enable
EN = High, VFB ≥ VPG
EN = High, VFB ≤ VPG
Shutdown
EN = Low
Thermal Shutdown
TJ > TJSD
UVLO
1.4 V < VIN < VUVLO
Power Supply Removal
VIN ≤ 1.4 V


Similar Part No. - TLV62569DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569DRL TI1-TLV62569DRL Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DRLR TI1-TLV62569DRLR Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569DRLT TI1-TLV62569DRLT Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
More results

Similar Description - TLV62569DRL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62569_0017 TI1-TLV62569_0017 Datasheet
1Mb / 25P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569_17 Datasheet
1Mb / 23P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62569 TI1-TLV62569 Datasheet
648Kb / 19P
[Old version datasheet]   2-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568 Datasheet
725Kb / 21P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TLV62568 TI1-TLV62568_17 Datasheet
1Mb / 26P
[Old version datasheet]   1-A High Efficiency Synchronous Buck Converter in SOT Package
TPS62A01 TI-TPS62A01_V01 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A01 TI-TPS62A01_V02 Datasheet
1Mb / 21P
[Old version datasheet]   TPS62A01/TPS62A01A, 1-A High-Efficiency Synchronous Buck Converter in a SOT-5X3 Package
MARCH 2022
TPS62A06 TI-TPS62A06_V01 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TPS62A06 TI1-TPS62A06_V02 Datasheet
1Mb / 23P
[Old version datasheet]   TPS62A06x, 6-A, High-Efficiency, Synchronous Buck Converter in a SOT563 Package
REVISED JUNE 2023
TLV62585 TI1-TLV62585 Datasheet
735Kb / 19P
[Old version datasheet]   3-A High Efficiency Synchronous Buck Converter in 2-mm x 2-mm QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com