Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS5700714APZQQ1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMS5700714APZQQ1
Description  16- and 32-Bit RISC Flash Microcontroller
Download  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS5700714APZQQ1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMS5700714APZQQ1 Datasheet HTML 2Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 3Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 4Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 5Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 6Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 7Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 8Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 9Page - Texas Instruments TMS5700714APZQQ1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 163 page
background image
6
TMS570LS0714
SPNS226E – JUNE 2013 – REVISED NOVEMBER 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS570LS0714
Table of Contents
Copyright © 2013–2016, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
.............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 3
1.4
Functional Block Diagram
............................ 5
2
Revision History
......................................... 7
3
Device Comparison
..................................... 8
3.1
Related Products
..................................... 8
4
Terminal Configuration and Functions
.............. 9
4.1
Pin Diagrams
......................................... 9
4.2
Signal Descriptions
................................. 11
4.3
Pin Multiplexing
...................................... 29
4.4
Buffer Type
.......................................... 35
5
Specifications
.......................................... 36
5.1
Absolute Maximum Ratings
......................... 36
5.2
ESD Ratings
........................................ 36
5.3
Power-On Hours (POH)
............................. 36
5.4
Recommended Operating Conditions
............... 37
5.5
Input/Output Electrical Characteristics Over
Recommended Operating Conditions
............... 38
5.6
Power Consumption Over Recommended
Operating Conditions
................................ 39
5.7
Thermal Resistance Characteristics
................ 40
5.8
Timing and Switching Characteristics
............... 41
6
System Information and Electrical
Specifications
........................................... 43
6.1
Device Power Domains
............................. 43
6.2
Voltage Monitor Characteristics
..................... 43
6.3
Power Sequencing and Power-On Reset
........... 44
6.4
Warm Reset (nRST)
................................. 46
6.5
ARM Cortex-R4F CPU Information
................. 47
6.6
Clocks
............................................... 51
6.7
Clock Monitoring
.................................... 58
6.8
Glitch Filters
......................................... 60
6.9
Device Memory Map
................................ 61
6.10
Flash Memory
....................................... 66
6.11
Tightly Coupled RAM Interface Module
............. 69
6.12
Parity Protection for Accesses to Peripheral RAMs
69
6.13
On-Chip SRAM Initialization and Testing
........... 71
6.14
Vectored Interrupt Manager
......................... 73
6.15
DMA Controller
...................................... 76
6.16
Real-Time Interrupt Module
......................... 78
6.17
Error Signaling Module
.............................. 80
6.18
Reset/Abort/Error Sources
.......................... 84
6.19
Digital Windowed Watchdog
........................ 87
6.20
Debug Subsystem
................................... 88
7
Peripheral Information and Electrical
Specifications
........................................... 93
7.1
I/O Timings
......................................... 93
7.2
Enhanced PWM Modules (ePWM)
.................. 96
7.3
Enhanced Capture Modules (eCAP)
............... 102
7.4
Enhanced Quadrature Encoder (eQEP)
........... 105
7.5
12-Bit Multibuffered Analog-to-Digital Converter
(MibADC)
........................................... 108
7.6
General-Purpose Input/Output
..................... 121
7.7
Enhanced High-End Timer (N2HET)
.............. 122
7.8
Controller Area Network (DCAN)
.................. 126
7.9
Local Interconnect Network Interface (LIN)
........ 127
7.10
Serial Communication Interface (SCI)
............. 128
7.11
Inter-Integrated Circuit (I2C) Module
.............. 129
7.12
Multibuffered / Standard Serial Peripheral
Interface
............................................ 132
8
Applications, Implementation, and Layout
...... 144
8.1
TI Designs or Reference Designs
................. 144
9
Device and Documentation Support
.............. 145
9.1
Getting Started and Next Steps
................... 145
9.2
Device and Development-Support Tool
Nomenclature
...................................... 145
9.3
Tools and Software
................................ 147
9.4
Documentation Support
............................ 149
9.5
Community Resources
............................. 149
9.6
Trademarks
........................................ 149
9.7
Electrostatic Discharge Caution
................... 150
9.8
Glossary
............................................ 150
9.9
Device Identification
................................ 151
9.10
Module Certifications
............................... 152
10
Mechanical Packaging and Orderable
Information
............................................. 157
10.1
Packaging Information
............................. 157


Similar Part No. - TMS5700714APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS5700714APZQQ1 TI1-TMS5700714APZQQ1 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - TMS5700714APZQQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com