Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65916 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65916
Description  3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65916 Datasheet(HTML) 5 Page - Texas Instruments

  TPS65916 Datasheet HTML 1Page - Texas Instruments TPS65916 Datasheet HTML 2Page - Texas Instruments TPS65916 Datasheet HTML 3Page - Texas Instruments TPS65916 Datasheet HTML 4Page - Texas Instruments TPS65916 Datasheet HTML 5Page - Texas Instruments TPS65916 Datasheet HTML 6Page - Texas Instruments TPS65916 Datasheet HTML 7Page - Texas Instruments TPS65916 Datasheet HTML 8Page - Texas Instruments TPS65916 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 89 page
background image
5
TPS65916
www.ti.com
SLVSD09B – MARCH 2016 – REVISED MARCH 2017
Submit Documentation Feedback
Product Folder Links: TPS65916
Revision History
Copyright © 2016–2017, Texas Instruments Incorporated
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (September 2016) to Revision B
Page
Added recommendation for external pulldown resistor on the LDOVRTC_OUT pin in the Pin Attributes table
......... 7
Added OTP to the PU/PD selection for GPIO_1 as NRESWARM in the Signal Descriptions table
...................... 9
Changed the caption of the SMPS Efficiency For SMPS1 and SMPS 2 in Dual-Phase PWM Mode graph to
SMPS Load Regulation for SMPS1 and SMPS2 Single-Phase PWM Mode in the Typical Characteristics section
... 26
Added the SMPS Load regulation for SMPS3, PWM Mode graph to the Typical Characteristics section
.............. 26
Changed single-phase to dual-phase and increased the output current to 7 A in the SMPS Load Regulation for
SMPS12 graph in the Typical Characteristics section
.......................................................................... 26
Changed the debounce for PWRON to N/A in the ON Requests table
...................................................... 33
Added description of VIO power-up timing in the Device Power Up Timing section
....................................... 37
Changed the description of the LDOVRTC when in the BACKUP and OFF states and added a note in the
LDOVRTC section
.................................................................................................................. 49
Added the note and pulldown equations to the System Voltage Monitoring section
....................................... 66
Changed the Electrostatic Discharge Caution statement
...................................................................... 81
Changes from Original (March 2016) to Revision A
Page
Changed the device status from Product Preview to Production Data
........................................................ 2


Similar Part No. - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916 Datasheet
1Mb / 84P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
1Mb / 84P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZR TI1-TPS659161RGZR Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS659161RGZT TI1-TPS659161RGZT Datasheet
1Mb / 84P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
More results

Similar Description - TPS65916

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65916 TI1-TPS65916 Datasheet
1Mb / 84P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS65916 TI1-TPS65916_18 Datasheet
2Mb / 89P
[Old version datasheet]   3.1-V to 5.2-V, 5 Buck Converter and 5 LDO Power Management IC (PMIC)
TPS6594-Q1 TI-TPS6594-Q1_V01 Datasheet
3Mb / 358P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
TPS6594-Q1 TI1-TPS6594-Q1 Datasheet
3Mb / 357P
[Old version datasheet]   TPS6594-Q1 Power Management IC (PMIC) for Processors with 5 Bucks and 4 LDOs
LP87702-Q1 TI1-LP87702-Q1 Datasheet
656Kb / 84P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
LP87702-Q1 TI1-LP87702-Q1_18 Datasheet
2Mb / 99P
[Old version datasheet]   Dual Buck Converter and 5-V Boost With Diagnostic Functions
TPS6593-Q1 TI-TPS6593-Q1 Datasheet
3Mb / 132P
[Old version datasheet]   TPS6593-Q1 Power Management IC (PMIC) with 5 Bucks and 4 LDOs for Automotive Applications
LP87702 TI-LP87702 Datasheet
4Mb / 98P
[Old version datasheet]   LP87702 Dual Buck Converter and 5-V Boost With Diagnostic Functions
logo
NEC
UPC1687G NEC-UPC1687G Datasheet
81Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
UPC1685G NEC-UPC1685G Datasheet
80Kb / 16P
   GENERAL PURPOSE 5 V FREQUENCY DOWN-CONVERTER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com