Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM84212 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM84212
Description  1.5-A, 28-V Input, TO-220 Power Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM84212 Datasheet(HTML) 2 Page - Texas Instruments

  TPSM84212 Datasheet HTML 1Page - Texas Instruments TPSM84212 Datasheet HTML 2Page - Texas Instruments TPSM84212 Datasheet HTML 3Page - Texas Instruments TPSM84212 Datasheet HTML 4Page - Texas Instruments TPSM84212 Datasheet HTML 5Page - Texas Instruments TPSM84212 Datasheet HTML 6Page - Texas Instruments TPSM84212 Datasheet HTML 7Page - Texas Instruments TPSM84212 Datasheet HTML 8Page - Texas Instruments TPSM84212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
TPSM84203, TPSM84205, TPSM84212
SLUSCV7 – JULY 2017
www.ti.com
Product Folder Links: TPSM84203 TPSM84205 TPSM84212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
Recommended Operating Conditions ....................... 4
6.3
ESD Ratings ............................................................ 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Switching Characteristics .......................................... 6
6.7
Typical Characteristics (VOUT = 3.3 V)...................... 7
6.8
Typical Characteristics (VOUT = 5V).......................... 8
6.9
Typical Characteristics (VOUT = 12V)........................ 9
7
Detailed Description ............................................ 10
7.1
Overview ................................................................. 10
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 13
8
Application and Implementation ........................ 14
8.1
Application Information............................................ 14
8.2
Typical Application ................................................. 14
9
Power Supply Recommendations ...................... 16
10
Layout................................................................... 16
10.1
Layout Guidelines ................................................. 16
10.2
Layout Example .................................................... 16
11
Device and Documentation Support ................. 17
11.1
Device Support .................................................... 17
11.2
Related Links ........................................................ 17
11.3
Receiving Notification of Documentation Updates 17
11.4
Community Resources.......................................... 17
11.5
Trademarks ........................................................... 17
11.6
Electrostatic Discharge Caution ............................ 18
11.7
Glossary ................................................................ 18
12
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
July 2017
*
Initial release.


Similar Part No. - TPSM84212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209H TI1-TPSM84209H Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209RKHR TI1-TPSM84209RKHR Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209RKHT TI1-TPSM84209RKHT Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results

Similar Description - TPSM84212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
[Old version datasheet]   TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
STMicroelectronics
STP52N25M5 STMICROELECTRONICS-STP52N25M5 Datasheet
480Kb / 12P
   N-channel 250 V, 0.055 廓, 28 A, TO-220 MDmeshTM V Power MOSFET
logo
Texas Instruments
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
[Old version datasheet]   TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com