Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSM84205EAB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPSM84205EAB
Description  1.5-A, 28-V Input, TO-220 Power Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM84205EAB Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM84205EAB Datasheet HTML 7Page - Texas Instruments TPSM84205EAB Datasheet HTML 8Page - Texas Instruments TPSM84205EAB Datasheet HTML 9Page - Texas Instruments TPSM84205EAB Datasheet HTML 10Page - Texas Instruments TPSM84205EAB Datasheet HTML 11Page - Texas Instruments TPSM84205EAB Datasheet HTML 12Page - Texas Instruments TPSM84205EAB Datasheet HTML 13Page - Texas Instruments TPSM84205EAB Datasheet HTML 14Page - Texas Instruments TPSM84205EAB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
TPSM84203, TPSM84205, TPSM84212
www.ti.com
SLUSCV7 – JULY 2017
Product Folder Links: TPSM84203 TPSM84205 TPSM84212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table.
(2)
Standard capacitance values
(3)
Maximum ESR @ 100kHz, 25°C.
7.3 Feature Description
7.3.1 Input Capacitors
The TPSM842xx devices require a minimum input capacitance of 10 μF of ceramic type. High-quality ceramic
type X5R or X7R capacitors with sufficient voltage rating are recommended. An additional 100 μF of non-ceramic
capacitance is recommended for applications with transient load requirements. The voltage rating of input
capacitors must be greater than the maximum input voltage.
Table 1. Recommended Input Capacitors(1)
VENDOR
SERIES
PART NUMBER
CAPACITOR CHARACTERISTICS
WORKING
VOLTAGE
(V)
CAPACITANCE (2)
(µF)
ESR(3)
(m
Ω)
Murata
X7R
GRM32ER71H475KA88L
50
4.7
2
TDK
X5R
C3225X5R1H106K250AB
50
10
3
Murata
X7R
GRM32ER71H106KA12
50
10
2
TDK
X7R
C3225X7R1H106M250AB
50
10
3
Panasonic
ZA
EEHZA1H101P
50
100
28
(1)
Consult capacitor suppliers regarding availability, material composition, RoHS and lead-free status, and manufacturing process
requirements for any capacitors identified in this table.
(2)
Standard capacitance values.
(3)
Maximum ESR @ 100kHz, 25°C.
7.3.2 Output Capacitors
The TPSM84203 and TPSM84205 devices require a minimum output capacitance of 94 μF (2x 47 μF) of ceramic
type. The TPSM84212 device requires a minimum output capacitance of 47 μF of ceramic type. High-quality X5R
or X7R ceramic capacitors with sufficient voltage rating are recommended. Additional output capacitance is
recommended for applications with transient load requirements. The voltage rating of output capacitors must be
greater than the maximum output voltage.
Table 2. Recommended Output Capacitors(1)
VENDOR
SERIES
PART NUMBER
CAPACITOR CHARACTERISTICS
WORKING
VOLTAGE
(V)
CAPACITANCE (2)
(µF)
ESR(3)
(m
Ω)
TDK
X5R
C3225X5R0J476K
6.3
47
2
Murata
X5R
GRM32ER61C476K
16
47
3
TDK
X5R
C3225X5R0J107M
6.3
100
2
Murata
X5R
GRM32ER60J107M
6.3
100
2
Murata
X5R
GRM32ER61A107M
10
100
2
Kemet
X5R
C1210C107M4PAC7800
16
100
2
Panasonic
POSCAP
6TPE100MI
6.3
100
18
Panasonic
POSCAP
6TPF220M9L
6.3
220
9
Panasonic
POSCAP
6TPE220ML
6.3
220
12
Panasonic
POSCAP
6TPF330M9L
6.3
330
9
Panasonic
POSCAP
16TQC47MYFD
16
47
55


Similar Part No. - TPSM84205EAB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209H TI1-TPSM84209H Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209RKHR TI1-TPSM84209RKHR Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209RKHT TI1-TPSM84209RKHT Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
More results

Similar Description - TPSM84205EAB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM86838 TI-TPSM86838 Datasheet
1Mb / 31P
[Old version datasheet]   TPSM86838 4.5-V to 28-V Input, 8-A Synchronous Buck Power Module
OCTOBER 2023
TPS54200 TI1-TPS54200 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
TPS54200 TI1-TPS54200_17 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 28-V Input Voltage, 1.5-A Output Current, Synchronous Buck WLED Driver
logo
STMicroelectronics
STP52N25M5 STMICROELECTRONICS-STP52N25M5 Datasheet
480Kb / 12P
   N-channel 250 V, 0.055 廓, 28 A, TO-220 MDmeshTM V Power MOSFET
logo
Texas Instruments
TPSM5601R5H TI-TPSM5601R5H Datasheet
1Mb / 29P
[Old version datasheet]   TPSM5601R5Hx, 60-V Input, 1-V to 16-V Output, 1.5-A Power Module in Enhanced HotRod??QFN Package
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com