Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS70918DBVT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70918DBVT
Description  150-mA, 30-V, 1-uA IQ Voltage Regulators with Enable
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70918DBVT Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS70918DBVT Datasheet HTML 5Page - Texas Instruments TPS70918DBVT Datasheet HTML 6Page - Texas Instruments TPS70918DBVT Datasheet HTML 7Page - Texas Instruments TPS70918DBVT Datasheet HTML 8Page - Texas Instruments TPS70918DBVT Datasheet HTML 9Page - Texas Instruments TPS70918DBVT Datasheet HTML 10Page - Texas Instruments TPS70918DBVT Datasheet HTML 11Page - Texas Instruments TPS70918DBVT Datasheet HTML 12Page - Texas Instruments TPS70918DBVT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
0
0.1
0.2
0.3
0.4
0
5
10
15
20
25
30
35
Input Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
Shutdown Current
TPS70912
G016
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
Frequency (Hz)
VOUT = 2.8 V
VIN = 3.8 V
COUT = 2.2 µF
G017
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
5
10
15
20
25
30
35
Input Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
TPS70933
EN = open
G035
0
100
200
300
400
500
600
0
20
40
60
80
100
120
140
160
Output Current (mA)
TA = −40°C
TA = +25°C
TA = +85°C
TPS70912
G015
300
350
400
450
500
8
8.5
9
9.5
10
10.5
11
11.5
12
Input Voltage (V)
TJ = −40°C
TJ = +25°C
TJ = +85°C
TJ = +125°C
TPS70965
G013
0.5
0.8
1
1.2
1.5
1.8
2
0
5
10
15
20
25
30
35
Input Voltage (V)
TA = −40°C
TA = +25°C
TA = +85°C
TPS70912
G014
TPS709
www.ti.com
SBVS186G – MARCH 2012 – REVISED NOVEMBER 2015
Typical Characteristics (continued)
Over operating temperature range (TJ = –40°C to 125°C), IOUT = 10 mA, VEN = 2 V, COUT = 2.2 μF, and VIN = VOUT(typ) + 1 V or
2.7 V (whichever is greater), unless otherwise noted. Typical values are at TJ = 25°C.
Figure 13. 6.5-V Current Limit vs VIN and Temperature
Figure 14. GND Current vs VIN and Temperature
Figure 15. GND Current vs VIN and Temperature
Figure 16. GND Current vs IOUT and Temperature
Figure 17. Shutdown Current vs VIN and Temperature
Figure 18. Power-Supply Rejection Ratio vs Frequency
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TPS709


Similar Part No. - TPS70918DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS70918DBVT TI1-TPS70918DBVT Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS70918DBVT TI1-TPS70918DBVT Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS70918DBVT TI1-TPS70918DBVT Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70918DBVT TI1-TPS70918DBVT Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS70918DBVT TI-TPS70918DBVT Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
More results

Similar Description - TPS70918DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS709 TI1-TPS709 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA, 30-V, 1-A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_16 Datasheet
1Mb / 34P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI1-TPS709-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709xx 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI1-TPS709_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709 TI-TPS709_V02 Datasheet
2Mb / 39P
[Old version datasheet]   TPS709 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS709-Q1 TI-TPS709-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   TPS709-Q1 150-mA, 30-V, 1-關A IQ Voltage Regulators with Enable
TPS706 TI1-TPS706_16 Datasheet
1Mb / 31P
[Old version datasheet]   150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
TPS70912 TI1-TPS70912 Datasheet
179Kb / 11P
[Old version datasheet]   150-mA, 30-V, UltraLow IQ, Low-Dropout Regulators with Enable
TPS706 TI-TPS706_15 Datasheet
1Mb / 31P
[Old version datasheet]   TPS706 150-mA, 6.5-V, 1-關A IQ Voltage Regulators with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com