Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HLMP-EL17-SV000 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HLMP-EL17-SV000
Description  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-EL17-SV000 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HLMP-EL17-SV000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-EL17-SV000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
2
Part Numbering Scheme
HLMP-E(1)(2)(3)-
(4)(5)(6)(7)(8)
where (1) = Color
“L” =592 nm Amber
“J”
=605 nm Orange
“H” =615 nm Reddish-
orange
“G” =626 nm Red
where (2)(3) = Viewing
Angle and Lead Standoffs
“08” =6 degree without lead
standoffs
“10” =6 degree with lead
standoffs
“15” =15 degree without lead
standoffs
“17” =15 degree with lead
standoffs
“24” =23 degree without lead
standoffs
“26” =23 degree with lead
standoffs
“30” =30 degree without lead
standoffs
“32” =30 degree with lead
standoffs
where (4) = Minimum
Intensity Bin (refer to
table on page 9)
where (5) = Maximum
Intensity Bin (refer to
table on page 9)
where (6) = Color Bin
Selection
“K” =amber color bins 2
and 4 only (refer to
table on page 9)
“4” =amber color bin 4 only
(refer to table on
page 9)
where (7)(8) = Mechanical
or Packaging Option
“00” =bulk packaging,
minimum increment
500/bag
“DD”=ammo pack, minimum
increment 2000/box.
Available for products
shown in BOLD in
selection guide.
Refer to the device selection
guides for available
combinations.
Device Selection Guide
Typical
Viewing
Color and
Luminous
Angle
Dominant
Lamps Without Standoffs
Lamps With Standoffs
Intensity Iv (mcd) [1,2]
2
θ1/2
Wavelength
on Leads
on Leads
@ 20 mA
(Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
HLMP-EL08-SV000
HLMP-EL10-SV000
1650
6300
HLMP-EL08-TW000
HLMP-EL10-TW000
2170
8300
HLMP-EL08-UW000
2750
8300
HLMP-EL08-UWK00*
2750
8300
HLMP-EL08-UX000
HLMP-EL10-UX000
2750
10700
HLMP-EL08-UXK00*
2750
10700
6
°[5]
Amber 590
HLMP-EL08-VW000
3600
8300
HLMP-EL08-VWK00*
3600
8300
HLMP-EL08-VX000
3600
10700
HLMP-EL08-VX400**
3600
10700
HLMP-EL08-VXK00*
3600
10700
HLMP-EL08-VY000
HLMP-EL10-VY000
3600
13800
HLMP-EL08-VYK00*
3600
13800
Notes:
1. The luminous intensity is measured on the mechanical axis of
the lamp package.
2. The optical axis is closely aligned with the package
mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE
Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one
half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at
the intensity peak.
Part numbers in bold are recommended for new designs.
*HLMP-xLxx-xxK00 are selected to amber color bins 2 and 4 only.
**HLMP-xLxx-xx400 are selected to amber color bin 4 only.
“0” = no color bin limitation


Similar Part No. - HLMP-EL17-SV000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-EL17-SV000 HP-HLMP-EL17-SV000 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
More results

Similar Description - HLMP-EL17-SV000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com