Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2065FCT Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SB2065FCT
Description  20A High Power Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB2065FCT Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB2065FCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB2065FCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
■ Rating and characteristic curves
Fig.1 - Forward Current Derating Curve
0
25
50
75
100
125
150
175
Ambient Temperature ( °C)
25.0
20.0
10.0
single phase half wave 60Hz
resistive or inductive load
3.75”(9.5mm) lead length
Percent of Rated Peak Reverse Voltage ( %)
Fig. 4 - Reverse Characteristics
T =25°C
J
T =75°C
J
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
0
Fig. 2 - Maximum Non-Repetitive Peak
Forward Surge Current
200
150
100
50
0
Number of Cycles at 60 Hz
1
10
100
8.3mS single half sine-wave
(JEDEC Method)
T =100°C
J
15.0
5.0
Fig. 3 - Instantaneous Forward
Characteristics
Instantaneous Forward Voltage (Volts)
0
0.2
0.4
0.6
0.8
1.0
100
10
1.0
0.1
SB2060
FCT
SB2040
FCT
SB2040
FCT THRU SB2065FCT
20A High Power Schottky Barrier Rectifiers
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:20170701-P1
PACKAGE
SPQ/PCS
CARTON
SPQ/PCS
CARTON
SIZE/CM
CARTON
GW/KG
CARTON
NW/KG
TO-220AB
50/tube;1000/BOX
5000
58X23.5X18
15.00
13.00


Similar Part No. - SB2065FCT

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SB2065FCT FRONTIER-SB2065FCT Datasheet
514Kb / 2P
   20A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB2065FCT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGMBR2040FCT LUGUANG-LGMBR2040FCT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
LGSB2040CT LUGUANG-LGSB2040CT Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SB2040CT CITC-SB2040CT Datasheet
97Kb / 3P
   20A High Power Schottky Barrier Rectifiers
MBR2040CT CITC-MBR2040CT Datasheet
99Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
LGMBR2040CT-J LUGUANG-LGMBR2040CT-J Datasheet
1Mb / 2P
   20A High Power Schottky Barrier Rectifiers
logo
Chip Integration Techno...
SBF2040CT CITC-SBF2040CT Datasheet
98Kb / 3P
   20A High Power Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR20100FCT MORESEMI-MBR20100FCT Datasheet
694Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150CT MORESEMI-MBR20150CT Datasheet
864Kb / 2P
   20A Schottky Barrier Rectifiers
MBR20150FCT MORESEMI-MBR20150FCT Datasheet
774Kb / 2P
   20A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM20200D SECOS-SM20200D_15 Datasheet
205Kb / 2P
   20A Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com