Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM35-1.9-08AN Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # CM35-1.9-08AN
Description  Commercial Module for CATV & SLED Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

CM35-1.9-08AN Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  CM35-1.9-08AN Datasheet HTML 1Page - II-VI Marlow, Inc. CM35-1.9-08AN Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DOC # 102-0355 REV D - PAGE 2 OF 2
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 50°C, contact one of our Applications Engineers at
877-627-5691.
Installation
Recommended mounting methods: Bonding with thermal epoxy or soldering with metallized ceramics. For additional information,
please refer to our TEC Installation Guide.
Operation Cautions
For maximum reliability, storage and operation below 85°C in a non-condensing environment is recommended. To minimize thermal
stress, use linear/proportional temperature control or a similar method rather than an ON/OFF method.
CONTACT US:
For customer support or general questions please contact a local office below or visit our website at www.marlow.com.
Marlow Industries, Inc.
10451 Vista Park Road
Dallas Texas 75238-1645
214-340-4900 (tel)
214-341-5212 (fax)
877-627-5691 (tech support)
www.marlow.com
Marlow Industries Europe GmbH
Brunnenweg 19-21
64331 Weiterstadt
Germany
Tel.: +49 (0) 6150 5439 - 403
Fax: +49 (0) 6150 5439 - 400
info@marlow-europe.eu
II-VI Japan Inc.
WBG Marive East 17F
2-6 Nakase, Mihama-ku
Chiba-Shi, Chiba 261-7117
Japan
81 43 297 2693 (tel)
81 43 297 3003 (fax)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
Blk. 5012, Techplace II
#04-07 & 05-07/12, Ang Mo Kio Ave. 5
Singapore 569876
(65) 6481 8215 (tel)
(65) 6481 8702 (fax)
info@ii-vi.com.sg
www.ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
A subsidiary of II-VI Incorporated
Rm 202, 1# Lize 2nd Middle Road
Wangjing, Chaoyang District
Beijing 100102 China
010-64398226 ext 105 (tel)
010-64399315 (fax)
info@iivibj.com
TYPICAL PERFORMANCE
TYPICAL PERFORMANCE
Environment : Vacuum
Environment : Vacuum
TA (C) :
27
TA (C) :
85
VMAX (VDC) :
4.2
VMAX (VDC) :
5.3
D TMAX (C) :
71
D TMAX (C) :
92
IMAX (amps) :
1.9
IMAX (amps) :
1.8
QMAX (W) :
5.2
QMAX (W) :
6.2
ACR (
W) :
1.87
ACR (
W) :
-
TA = 27°C - Vacuum
0.0
20.0
40.0
60.0
80.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
1.00
2.00
3.00
4.00
5.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
DT = 0
TA = 85°C - Vacuum
0.0
20.0
40.0
60.0
80.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
1.00
2.00
3.00
4.00
5.00
6.00
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
DT = 0
Hot Side Temperature 27°C
Hot Side Temperature 85°C


Similar Part No. - CM35-1.9-08AN

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM35-1.9-08AN VIMARLOW-CM35-1.9-08AN Datasheet
525Kb / 2P
   Commercial Module for CATV & SLED Applications
More results

Similar Description - CM35-1.9-08AN

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM35-1.9 VIMARLOW-CM35-1.9_17 Datasheet
525Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9 VIMARLOW-CM23-1.9_17 Datasheet
678Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9 VIMARLOW-CM23-1.9 Datasheet
198Kb / 2P
   Commercial Module for CATV & SLED Applications
CM30-1.9 VIMARLOW-CM30-1.9_17 Datasheet
547Kb / 2P
   Commercial Module for CATV & SLED Applications
logo
Lanner All Rights Reser...
HMB-E200 LANNER-HMB-E200 Datasheet
506Kb / 1P
   2U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Integrated Circuit Syst...
SF0044BA01954T ICST-SF0044BA01954T Datasheet
220Kb / 2P
   44.1 MHz Filter for CATV Applications
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
2SC2318 TOSHIBA-2SC2318 Datasheet
58Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
logo
Lanner All Rights Reser...
HMB-E100 LANNER-HMB-E100 Datasheet
593Kb / 1P
   1U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
   Encapsulated Transformers for Commercial Applications
August 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com