Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM64GS24L-2-Y14S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM64GS24L-2-Y14S
Description  240 X 64 Dots Graphic, Single Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM64GS24L-2-Y14S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM64GS24L-2-Y14S Datasheet HTML 1Page - Hantronix,Inc HDM64GS24L-2-Y14S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 22
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
V DD-VSS
-0.3
7.0
V
INPUT VOLTAGE
V IN
-0.3
VDD+0.3
V
OPERATING TEMPERATURE
T OP
050
°C
STORAGE TEMPERATURE
T STG
-20
70
°C
Features
Backlight.................................(White) LED, EL or None Optional
Options..............................................FSTN, Gray or Yellow STN
Normal/ Extended Temperature
Bottom/ Top Viewing
Built-in Controller..............................................Toshiba T6963C
Physical Data
Module Size.(None or EL backlight) 180.0W x 65.0H x 11.0T mm
(LED backlight) 180.0W x 65.0H x 13.8T mm
Viewing Area Size.........................................134.0W x 40.4H mm
Dot Pitch.........................................................0.53W x 0.53H mm
Dot Size..........................................................0.49W x 0.49H mm
Pin Connections
PIN NO.
SYMBOL
FUNCTION
1
FG
Frame ground
2VSS
0V
Ground
3VDD
5V
Power supply for logic
4VL
-
Operating voltage for LC
5WR
L
Data
write
6RD
L
Data
7
CE
L
Chip enable
8
CD
H/L
H=Command, L=Data
9VEE
Output #
10
RESET
L
Reset
11
DB0
H/L
Data bus
12
DB1
H/L
13
DB2
H/L
14
DB3
H/L
15
DB4
H/L
16
DB5
H/L
17
DB6
H/L
18
DB7
H/L
19
FS
H/L
Font select
20
N/C
No connection
Dimension tolerance: +/-0.3mm
Dimensional Drawing
240 X 64 Dots Graphic, Single Power Supply
0.04
0.49
5.4 (LED 9.2)
24.42
127.16 (240 DOTS)
134.0 (VIEWING AREA)
176.0
180.0
(2.0)
2.0
2-! 1.0
4-R1.75
161.4
6.0
(6.0)
2.54
4.13
20-! 1.0
1
20
A
K
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
OPERATING VOLTAGE
V DD
-4.5
5.0
5.5
V
POWER SUPPLY CURRENT
I DD
VDD=5.0V
-
9.84
-
mA
POWER SUPPLY VOLTAGE
V L
Ta=25°
C
-
11.8
-
V
LED Forward Voltage (White)
V FF
I =60mA
2.9
3.2
3.5
V
(Yellow)
IF=675mA
-
4.1
-
V
LED Forward Current (White)
I FF
V =3.2V
-
60
-
mA
(Yellow)
V F=4.1V
-
675
-
mA
DRIVE METHOD
1/64 Duty
VDD
VL
VEE
VSS
K
A
L
C
M
+
VLCD
RH
RL
5V
RH+R L = 10 ~ 20K "
RLED
Power Supply
HDM 64GS24_-2
# Has built-in inverter for negative power supply
Read


Similar Part No. - HDM64GS24L-2-Y14S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM64GS24-2 HANTRONIX-HDM64GS24-2_15 Datasheet
97Kb / 10P
   240x64 GRAPHICS LCD DISPLAY MODULE
HDM64GS24-4 HANTRONIX-HDM64GS24-4_15 Datasheet
280Kb / 22P
   240x64 GRAPHICS LCD DISPLAY MODULE
HDM64GS24C HANTRONIX-HDM64GS24C Datasheet
176Kb / 19P
   240x64 COLOR GRAPHICS LCD DISPLAY MODULE
HDM64GS24_4 HANTRONIX-HDM64GS24_4_15 Datasheet
34Kb / 1P
   240 X 64 Dots Graphic
More results

Similar Description - HDM64GS24L-2-Y14S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM64GS24_4 HANTRONIX-HDM64GS24_4_15 Datasheet
34Kb / 1P
   240 X 64 Dots Graphic
logo
Vishay Siliconix
LCD-240G064A VISHAY-LCD-240G064A Datasheet
112Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064B VISHAY-LCD-240G064B Datasheet
114Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G064C VISHAY-LCD-240G064C Datasheet
113Kb / 3P
   240 x 64 Dots Graphic LCD
Revision 01-Oct-02
logo
Hantronix,Inc
HDM64GS12 HANTRONIX-HDM64GS12_15 Datasheet
61Kb / 1P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864J ETC-WG12864J Datasheet
161Kb / 1P
   GRAPHIC 128 X 64 DOTS
logo
Hantronix,Inc
HDM64GS12_R HANTRONIX-HDM64GS12_R_15 Datasheet
29Kb / 1P
   128 X 64 Dots Graphic
HDM64GS12L-Y11S HANTRONIX-HDM64GS12L-Y11S Datasheet
66Kb / 2P
   128 X 64 Dots Graphic
logo
List of Unclassifed Man...
WG12864F ETC1-WG12864F Datasheet
166Kb / 1P
   Graphic 128 x 64 dots
logo
Varitronix internationa...
MGL-24064 VARITRONIX-MGL-24064 Datasheet
74Kb / 1P
   240 X 64 DOTS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com