Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDM16116H-2-S01S Datasheet(PDF) 1 Page - Hantronix,Inc

Part # HDM16116H-2-S01S
Description  16 Character x 1 Line, Connector on Top
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HANTRONIX [Hantronix,Inc]
Direct Link  http://www.hantronix.com
Logo HANTRONIX - Hantronix,Inc

HDM16116H-2-S01S Datasheet(HTML) 1 Page - Hantronix,Inc

  HDM16116H-2-S01S Datasheet HTML 1Page - Hantronix,Inc HDM16116H-2-S01S Datasheet HTML 2Page - Hantronix,Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 53
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
0
7.0
V
SUPPLY VOLTAGE FOR LCD
VDD-VL
0
13.5
V
INPUT VOLTAGE
VIN
VSS
VDD
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Features
Character Format ......................................5x7 Dots with Cursor
Backlight...................................................................EL Optional
Options..TN/Gray STN/Yellow STN, 12 o’Clock/6 o’Clock View
Normal/Extended Temperature
Normal/Negative Displays
Physical Data
Module Size....................................80.0W x 36.0H x 10.0T mm
Viewing Area Size.......................................63.7W x 13.5H mm
Weight..................................................................................25g
Block Diagram
D0 - D7
E
R/W
RS
VL
VDD
VSS
LCD
CONTROLLER
HD44780
or
EQUIVALENT
LCD PANEL
COM 1 - 8
SEG 40
COM 9 - 16
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
1
VSS
-
0V
Power supply
2
VDD
-
5V
3
VL
-
-
4
RS
H/L
H: Data input
L: Instruction data input
5
R/W
H/L
H: Data read
L: Data write
6
E
H,H
→L
Enable signal
7
D0
H/L
Data bus
8
D1
H/L
9
D2
H/L
10
D3
H/L
11
D4
H/L
12
D5
H/L
13
D6
H/L
14
D7
H/L
Dimensional Drawing
14
80.0
73.5
75.0
63.7
2.54x13=33.02
1
3.20
0.5
0.05
0.6
6.35
0.75
0.05
2.5
0.75
4.7
8.0
14-
φ1.0
HOLE
8.15
59.7
4-R1.0
4-
φ2.5
HOLE
2.5
16 Character x 1 Line, Connector on Top
Dimension tolerance: +/-0.3mm
Electrical Characteristics (VDD=5.0±0.25V 25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
INPUT HIGH VOLTAGE
VIH
-
2.2
-
-
V
INPUT LOW VOLTAGE
VIL
-
-
-
.6
V
OUTPUT HIGH VOLTAGE
VOH
IOH=0.2mA
2.4
-
-
V
OUTPUT LOW VOLTAGE
VOL
IOL=1.2mA
-
-
0.4
V
POWER SUPPLY CURRENT
IDD
VDD=5.0V
-
1.0
2.2
mA
POWER SUPPLY FOR LCD
VDD-VL TA=25°C
4.3
-
4.7
V
DRIVE METHOD
1/16 Duty
HDM16116H-2


Similar Part No. - HDM16116H-2-S01S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16116H-2-S01S HANTRONIX-HDM16116H-2-S01S Datasheet
27Kb / 2P
   16 Character x 1 Line, Connector on Top
More results

Similar Description - HDM16116H-2-S01S

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM16116H-2-U10S HANTRONIX-HDM16116H-2-U10S Datasheet
27Kb / 2P
   16 Character x 1 Line, Connector on Top
HDM16116H-2 HANTRONIX-HDM16116H-2 Datasheet
25Kb / 1P
   16 Character x 1 Line, Connector on Top
logo
Micro Electronics
CCM1610 MICRO-ELECTRONICS-CCM1610 Datasheet
88Kb / 8P
   16 x 1 line Character
logo
Hantronix,Inc
HDM16216H-5 HANTRONIX-HDM16216H-5_15 Datasheet
30Kb / 1P
   16 Character x 2 Lines, Connector on Top
HDM16216H-5-S00S HANTRONIX-HDM16216H-5-S00S Datasheet
35Kb / 2P
   16 Character x 2 Lines, Connector on Top
HDM16216H-5 HANTRONIX-HDM16216H-5 Datasheet
30Kb / 1P
   16 Character x 2 Lines, Connector on Top
HDM16116H-7 HANTRONIX-HDM16116H-7 Datasheet
31Kb / 1P
   16 Character x 1 Line Large Character
HDM16116H-H HANTRONIX-HDM16116H-H Datasheet
36Kb / 1P
   16 Character x 1 Line, 2 Row connector
HDM16116L-7 HANTRONIX-HDM16116L-7 Datasheet
28Kb / 1P
   16 Character x 1 Line Large Character, LED Backlight
HDM16216L-6 HANTRONIX-HDM16216L-6 Datasheet
33Kb / 1P
   16 Character x 2 Lines LED Backlight, Connector on Top
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com