Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IRL3202 Datasheet(PDF) 1 Page - International Rectifier

Part No. IRL3202
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL3202 Datasheet(HTML) 1 Page - International Rectifier

  IRL3202 Datasheet HTML 1Page - International Rectifier IRL3202 Datasheet HTML 2Page - International Rectifier IRL3202 Datasheet HTML 3Page - International Rectifier IRL3202 Datasheet HTML 4Page - International Rectifier IRL3202 Datasheet HTML 5Page - International Rectifier IRL3202 Datasheet HTML 6Page - International Rectifier IRL3202 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 4.5V
48
ID @ TC = 100°C
Continuous Drain Current, VGS @ 4.5V
30
A
IDM
Pulsed Drain Current

190
PD @TC = 25°C
Power Dissipation
69
W
Linear Derating Factor
0.56
W/°C
VGS
Gate-to-Source Voltage
± 10
V
VGSM
Gate-to-Source Voltage
14
V
(Start Up Transient, tp = 100µs)
EAS
Single Pulse Avalanche Energy
‚
270
mJ
IAR
Avalanche Current

29
A
EAR
Repetitive Avalanche Energy

6.9
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torque, 6-32 or M3 srew
10 lbf•in (1.1N•m)
11/18/97
IRL3202
PRELIMINARY
HEXFET® Power MOSFET
PD 9.1695A
These HEXFET Power MOSFETs were designed
specifically to meet the demands of CPU core DC-DC
converters in the PC environment.
Advanced
processing techniques combined with an optimized
gate oxide design results in a die sized specifically to
offer maximum efficiency at minimum cost.
The TO-220 package is universally preferred for all
commercial-industrial applications at power
dissipation levels to approximately 50 watts. The low
thermal resistance and low package cost of the TO-
220 contribute to its wide acceptance throughout the
industry.
S
D
G
Absolute Maximum Ratings
Parameter
Typ.
Max.
Units
RqJC
Junction-to-Case
–––
1.8
RqCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RqJA
Junction-to-Ambient
–––
62
Thermal Resistance
VDSS = 20V
RDS(on) = 0.016W
ID = 48A
TO-220AB
Description
l Advanced Process Technology
l Optimized for 4.5V-7.0V Gate Drive
l Ideal for CPU Core DC-DC Converters
l Fast Switching


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IRF7341 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR2905 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRF7494 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRL3303 HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL2703S HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFIZ24G HEXFET POWER MOSFET 1  2  3  4  5  More International Rectifier
IRL3402 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRLR3802 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier
IRFI5210 HEXFET Power MOSFET 1  2  3  4  5  More International Rectifier

Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn