Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLMS4502 Datasheet(PDF) 2 Page - International Rectifier

Part # IRLMS4502
Description  HEXFET Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLMS4502 Datasheet(HTML) 2 Page - International Rectifier

  IRLMS4502 Datasheet HTML 1Page - International Rectifier IRLMS4502 Datasheet HTML 2Page - International Rectifier IRLMS4502 Datasheet HTML 3Page - International Rectifier IRLMS4502 Datasheet HTML 4Page - International Rectifier IRLMS4502 Datasheet HTML 5Page - International Rectifier IRLMS4502 Datasheet HTML 6Page - International Rectifier IRLMS4502 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRLMS4502
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-12
–––
–––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– -0.003 –––
V/°C
Reference to 25°C, ID = -1mA
–––
––– 0.042
VGS = -4.5V, ID = -5.5A
‚
–––
––– 0.075
VGS = -2.5V, ID = -4.7A
‚
VGS(th)
Gate Threshold Voltage
-0.60 –––
–––
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
8.8
–––
–––
S
VDS = -10V, ID = -5.5A
–––
–––
-1.0
VDS = -12V, VGS = 0V
–––
–––
-25
VDS = -9.6V, VGS = 0V, TJ = 125°C
Gate-to-Source Forward Leakage
–––
–––
-100
VGS = -12V
Gate-to-Source Reverse Leakage
–––
–––
100
VGS = 12V
Qg
Total Gate Charge
–––
22
33
ID = -5.5A
Qgs
Gate-to-Source Charge
–––
3.9
5.8
nC
VDS = -10V
Qgd
Gate-to-Drain ("Miller") Charge
–––
11
16
VGS = -5.0V
‚
td(on)
Turn-On Delay Time
–––
18
–––
VDD = -6.0V
tr
Rise Time
–––
460
–––
ID = -1.0A
td(off)
Turn-Off Delay Time
–––
130
–––
RG = 4.5Ω
tf
Fall Time
–––
250
–––
RD = 6.0Ω
‚
Ciss
Input Capacitance
––– 1820 –––
VGS = 0V
Coss
Output Capacitance
––– 1110 –––
pF
VDS = -10V
Crss
Reverse Transfer Capacitance
––– 1070 –––
ƒ = 1.0kHz
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
µA
RDS(on)
Static Drain-to-Source On-Resistance
IDSS
Drain-to-Source Leakage Current
nA
ns
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
-1.2
V
TJ = 25°C, IS = -1.7A, VGS = 0V
ƒ
trr
Reverse Recovery Time
–––
31
46
ns
TJ = 25°C, IF = -5.5A
Qrr
Reverse Recovery Charge
–––
21
32
nC
di/dt = -100A/µs
‚
Source-Drain Ratings and Characteristics
A
-44
–––
–––
–––
-1.7
–––
S
D
G
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
Notes:
‚ Pulse width ≤ 400µs; duty cycle ≤ 2%.
ƒ Surface mounted on FR-4 board, t ≤ 5sec.
„ Starting T
J = 25°C, L = 1.8mH
RG = 25Ω, IAS = -5.5A. (See Figure 12)


Similar Part No. - IRLMS4502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLMS1503 IRF-IRLMS1503 Datasheet
180Kb / 8P
   Power MOSFET
IRLMS1503 IRF-IRLMS1503 Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   Generation V Technology
IRLMS1503PBF IRF-IRLMS1503PBF Datasheet
156Kb / 8P
   GENERATION V TECHNOLOGY
More results

Similar Description - IRLMS4502

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com