Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDZFH16 Datasheet(PDF) 6 Page - Rohm

Part # TDZFH16
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZFH16 Datasheet(HTML) 6 Page - Rohm

Back Button TDZFH16 Datasheet HTML 2Page - Rohm TDZFH16 Datasheet HTML 3Page - Rohm TDZFH16 Datasheet HTML 4Page - Rohm TDZFH16 Datasheet HTML 5Page - Rohm TDZFH16 Datasheet HTML 6Page - Rohm TDZFH16 Datasheet HTML 7Page - Rohm TDZFH16 Datasheet HTML 8Page - Rohm TDZFH16 Datasheet HTML 9Page - Rohm TDZFH16 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
TDZFH11
l
Electrical characteristic curves
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25°C
VR=7.0V
n=30pcs
AVE : 0.252nA
250
255
260
265
270
275
280
285
290
295
300
Ta=25°C
f=1MHz
VR=0V
n=10pcs
AVE : 295.2pF
0.1
1
10
100
1000
0
5
10
15
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT : IZ(mA)
ZZ -IZ CHARACTERISTICS
6/6
2013.11 - Rev.D


Similar Part No. - TDZFH16

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TDZ045124 VISHAY-TDZ045124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050124 VISHAY-TDZ050124 Datasheet
226Kb / 3P
   Pot Capacitors with R 16 High Q Ceramic
Revision: 17-Nov-00
TDZ050170 VISHAY-TDZ050170 Datasheet
273Kb / 3P
   Pot Capacitors for Coupling Purposes
Revision: 21-Jan-02
TDZ050170 VISHAY-TDZ050170 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
TDZ050170 VISHAY-TDZ050170_15 Datasheet
85Kb / 4P
   RF Power Pot Capacitors for Coupling Purposes, Class 1 Ceramic Dielectric
Revision: 14-Sep-15
More results

Similar Description - TDZFH16

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com