Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1260 Datasheet(PDF) 4 Page - International Rectifier

Part # IRU1260
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1260 Datasheet(HTML) 4 Page - International Rectifier

  IRU1260 Datasheet HTML 1Page - International Rectifier IRU1260 Datasheet HTML 2Page - International Rectifier IRU1260 Datasheet HTML 3Page - International Rectifier IRU1260 Datasheet HTML 4Page - International Rectifier IRU1260 Datasheet HTML 5Page - International Rectifier IRU1260 Datasheet HTML 6Page - International Rectifier IRU1260 Datasheet HTML 7Page - International Rectifier IRU1260 Datasheet HTML 8Page - International Rectifier IRU1260 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
IRU1260
4
Rev. 2.1
09/19/02
www.irf.com
Introduction
The IRU1260 is a dual adjustable Low Dropout (LDO)
regulator which can easily be programmed with the ad-
dition of two external resistors to any voltages within
the range of 1.20 to 5.5V. This voltage regulator is de-
signed specifically for applications that require two sepa-
rate regulators such as the Intel Pentium
IITM proces-
sors requiring 1.5V and 2.5V supplies, eliminating the
need for a second regulator which results in lower over-
all system cost. When VCTRL pin is connected to a sup-
ply which is at least 1V higher than VIN, the dropout
voltage improves by 30% which makes it ideal for appli-
cations requiring less than the standard 1.3V dropout
given in the LDO products such as IRU10XX series. The
IRU1260 also provides an accurate 1.20V voltage refer-
ence common to both regulators for programming each
output voltage. Other features of the device include: fast
response to sudden load current changes, such as GTL+
termination application for Pentium
IITM family of micro-
processors. The IRU1260 also includes thermal shut-
down protection to protect the device if an overload con-
dition occurs.
Output Voltage Setting
The IRU1260 can be programmed to any voltages in the
range of 1.20V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Figure 3 - Typical application of the IRU1260
for programming the output voltage.
(Only one output is shown here)
VOUT
R2
R1
VIN
VCTRL
VREF
IB
IRU1260
Gnd
VOUT
VCTRL
VIN
VFB
R2
R1
VIN
VCTRL
R L
R P
PARASITIC LINE
RESISTANCE
IRU1260
Gnd
VOUT
V CTRL
V IN
VFB
Where:
VREF = 1.20V Typically
IB = 0.02
mA Typical
R1 and R2 as shown in Figure 3:
VOUT = VREF
3
+R2
3IB
R2
R1
(
)
1+
The IRU1260 keeps a constant 1.2V between the VFB
pin and ground pin. By placing a resistor R1 across these
two pins a constant current flows through R1, adding to
the IFB current and into the R2 resistor producing a volt-
age equal to the (1.2/R1)
3R2 + IFB3R2 which will be
added to the 1.2V to set the output voltage as shown in
the above equation. Since the input bias current of the
amplifier (IFB) is only 0.02
mA typically, it adds a very
small error to the output voltage and for most applica-
tions can be ignored. For example, in a typical 1.5V
GTL+application if R1=10.2K
V and R2=2.55KV the er-
ror due to the IADJ is only 0.05mV which is less than
0.004% of the nominal set point. The effective input im-
pedance seen by the feedback pins (The parallel combi-
nation of R1 and R2) must always be higher than 1.8K
V
in order for the regulator to start up properly.
Load Regulation
Since the IRU1260 does not provide a separate ground
pin for the reference voltage, it is not possible to provide
true remote sensing of the output voltage at the load.
Figure 4 shows that the best load regulation is achieved
when the bottom side of R1 resistor is connected di-
rectly to the ground pin of IRU1260 (preferably to the tab
of the device) and the top side of R2 resistor is con-
nected to the load. In fact, if R1 is connected to the load
side, the effective resistance between the regulator and
the load is gained up by the factor of (1+R2/R1), or the
effective resistance will be, RP(eff)=RP
3(1+R2/R1). It is
important to note that for high current applications, this
can represent a significant percentage of the overall load
regulation and one must keep the path from the regula-
tor to the load as short as possible to minimize this
effect.
Figure 4 - Schematic showing connection
for best load regulation.
(Only one output is shown here)
APPLICATION INFORMATION


Similar Part No. - IRU1260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CM IRF-IRU1260CM Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CP IRF-IRU1260CP Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1260CT IRF-IRU1260CT Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1260

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com