Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRU1260CP Datasheet(PDF) 6 Page - International Rectifier

Part # IRU1260CP
Description  DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1260CP Datasheet(HTML) 6 Page - International Rectifier

Back Button IRU1260CP Datasheet HTML 2Page - International Rectifier IRU1260CP Datasheet HTML 3Page - International Rectifier IRU1260CP Datasheet HTML 4Page - International Rectifier IRU1260CP Datasheet HTML 5Page - International Rectifier IRU1260CP Datasheet HTML 6Page - International Rectifier IRU1260CP Datasheet HTML 7Page - International Rectifier IRU1260CP Datasheet HTML 8Page - International Rectifier IRU1260CP Datasheet HTML 9Page - International Rectifier IRU1260CP Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRU1260
6
Rev. 2.1
09/19/02
www.irf.com
Layout Consideration
The IRU1260 like all other high speed linear regulators
need to be properly laid out to insure stable operation.
The most important component is the output capacitor,
which needs to be placed close to the output pin and
connected to this pin using a plane connection with a
low inductance path.
IRU1260 in Ultra LDO, Single Output Application
The IRU1260 can also be used in single supply applica-
tions where the difference between input and output is
much lower than the standard 1.5V dropout that is ob-
tainable with standard LDO devices. The schematic in
Figure 7 shows the application of the IRU1260 in a single
supply with the second LDO being disabled.
In this application, the IRU1260 is used on the VGA
card to convert 3.3V supply to 2.7V to power the Intel
740 chip rather than the conventional LDO which due to
its 1.5V minimum dropout spec must use the 5V supply
to achieve the same result. The difference is a substan-
tial decrease in the power dissipation as shown below.
The maximum power dissipation of the Intel 740 chip is
5.8W, which at 2.7V results in:
a) Using standard LDO, the power dissipated in the de-
vice is:
Using surface mount TO-263 package with 25
8C/W
junction to air thermal resistance results in:
This is very close to the thermal shutdown of the IC.
b) Using IRU1260, the power dissipated in the device is
drastically reduced by using 3.3V supply instead of
5V.
Using surface mount TO-263 package with 25
8C/W
junction to air thermal resistance results in:
A reduction of 91
8C in junction temperature.
Io =
= 2.15A
5.8
2.7
PD = (VIN - Vo)
3Io = (5 - 2.7)32.15 = 4.94W
TJ = PD
3uJA + TA = 4.94325 + 25 = 1488C
PD = (VIN - Vo)
3Io = (3.3 - 2.7)32.15 = 1.3W
TJ = PD
3uJA + TA = 1.3325 + 25 = 578C


Similar Part No. - IRU1260CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260CP IRF-IRU1260CP Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
More results

Similar Description - IRU1260CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1260 IRF-IRU1260 Datasheet
128Kb / 10P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1260 UNISEM-US1260 Datasheet
67Kb / 9P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
US1261 UNISEM-US1261 Datasheet
41Kb / 6P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED OUTPUT REGULATOR
logo
International Rectifier
IRU1010CDTR IRF-IRU1010CDTR Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1010 UNISEM-US1010 Datasheet
38Kb / 5P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Analog Intergrations Co...
AIC1117A AIC-AIC1117A Datasheet
136Kb / 8P
   1A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1160 IRF-IRU1160 Datasheet
57Kb / 8P
   6A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1261 IRF-IRU1261 Datasheet
57Kb / 8P
   DUAL 6A AND 1A LOW DROPOUT POSITIVE FIXED 1.5V AND 2.5V REGULATOR
logo
Anachip Corp
AP1187 ANACHIP-AP1187 Datasheet
178Kb / 6P
   1A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com