Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS24C32-2 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS24C32-2
Description  65,536-bit/32,768-bit 2-WIRE SERIAL CMOS EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS24C32-2 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS24C32-2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS24C32-2 Datasheet HTML 11Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
9
PRELIMINARY INFORMATION
Rev. 00B
04/04/01
IS24C32-2/3
IS24C64-2/3
ISSI®
DC ELECTRICAL CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOL1
Output LOW Voltage
VCC = 1.8V, IOL = 0.15 mA
0.2
V
VOL2
Output LOW Voltage
VCC = 2.5V, IOL = 1.0 mA
0.4
V
VIH
Input HIGH Voltage
VCC X 0.7 VCC + 0.5
V
VIL
Input LOW Voltage
–1.0
VCC X 0.3
V
ILI
Input Leakage Current
VIN = VCC max.
3µA
ILO
Output Leakage Current
3µA
Notes: VIL min and VIH max are reference only and are not tested.
POWER SUPPLY CHARACTERISTICS
Symbol Parameter
Test Conditions
Min.
Max.
Unit
ICC1
Vcc Operating Current
READ at 100 KHz (Vcc = 5V)
1.0
mA
ICC2
Vcc Operating Current
WRITE at 100 KHz (Vcc = 5V)
3.0
mA
ISB1
Standby Current
Vcc = 1.8V
5µA
ISB2
Standby Current
Vcc = 5.5V
10
µA
AC ELECTRICAL CHARACTERISTICS
1.8V-5.5V
2.5V-5.5V
Symbol Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
fSCL
SCL Clock Frequency
0
100
0
400
KHz
T
Noise Suppression Time(1)
100
50
ns
tLOW
Clock LOW Period
4.7
1.2
µs
tHIGH
Clock HIGH Period
4
0.6
µs
tBUF
Bus Free Time Before New Transmission(1)
4.7
1.2
µs
tSU:STA
Start Condition Setup Time
4.7
0.6
µs
tSU:STO
Stop Condition Setup Time
4.7
0.6
µs
tHD:STA
Start Condition Hold Time
4
0.6
µs
tHD:STO
Stop Condition Hold Time
4
0.6
µs
tSU:DAT
Data In Setup Time
200
100
ns
tHD:DAT
Data In Hold Time
0
0
ns
tDH
Data Out Hold Time
SCL LOW to SDA Data Out Change
100
50
ns
tAA
Clock to Output
SCL LOW to SDA Data Out Valid
0.1
4.5
0.1
0.9
µs
tR
SCL and SDA Rise Time(1)
1000
300
ns
tF
SCL and SDA Fall Time(1)
300
300
ns
tWR
Write Cycle Time
10
5ms
Note:
1. This parameter is characterized but not 100% tested.


Similar Part No. - IS24C32-2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GI ISSI-IS24C32A-2GI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2GLI ISSI-IS24C32A-2GLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2PI ISSI-IS24C32A-2PI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A-2PLI ISSI-IS24C32A-2PLI Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results

Similar Description - IS24C32-2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS24C32C ISSI-IS24C32C Datasheet
187Kb / 20P
   32K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128 ISSI-IS24C128_09 Datasheet
297Kb / 16P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
logo
List of Unclassifed Man...
MTV24C08 ETC-MTV24C08 Datasheet
103Kb / 14P
   2-Wire 8912-Bit Serial CMOS EEPROM
logo
Integrated Silicon Solu...
24C256 ISSI-24C256 Datasheet
51Kb / 12P
   262,144-bit 2-WIRE SERIAL CMOS EEPROM
24C128 ISSI-24C128 Datasheet
53Kb / 12P
   131,072-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128B ISSI-IS24C128B Datasheet
482Kb / 17P
   128K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C01B ISSI-IS24C01B Datasheet
142Kb / 19P
   1K-bit/2K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
   128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24C32A ISSI-IS24C32A Datasheet
132Kb / 17P
   64K-bit/32K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com