Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA1000-62-85A1-0024A Datasheet(PDF) 4 Page - Glenair, Inc.

Part # FA1000-62-85A1-0024A
Description  The Glenair Eye-Beam??Fiber Optic Revolution
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FA1000-62-85A1-0024A Datasheet(HTML) 4 Page - Glenair, Inc.

  FA1000-62-85A1-0024A Datasheet HTML 1Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 2Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 3Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 4Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 5Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 6Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 7Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 8Page - Glenair, Inc. FA1000-62-85A1-0024A Datasheet HTML 9Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
6
Qwik
Connect n January 2011
Qwik
Connect
Qwik
Connect n January 2011
7
Basic Part
Number
FA1000 - 50 - 85
A
1 - XXXX A
Fiber Size
09 = 9.3/125 Singlemode
50 = 50/125 Multimode
62 = 62.5/125 Multimode
Length in Inches
(Omit for Standard 36 Inches)
Ex: -0010 = 10 inches
End A
(See Table I)
End B
(See Table II)
Operating
Wavelength
85 = 850nm
13 = 1300/1310nm
15 = 1550nm
Temperature Rating:
A = -40°C to +85°C
B = -55°C to +125°C
C = Customer Specified*
*Note: For customer specific connectors and fiber, Glenair will assign a unique
part number for the cable assembly.
Table I Eye-BeamContacts
Designator Description
ConnectorSeries
A
M29504/4StylePin(181-070)
MIL-DTL-38999
B
M29504/5StyleSocket(181-071)
MIL-DTL-38999
C
M29504/14StylePin(181-XXX)
MIL-PRF-28876
D
M29504/15StyleSocket(181-XXX) MIL-PRF-28876
E
MightyMousePin(181-XXX)
Series80MightyMouse
F
MightyMouseSocket(181-XXX)
Series80MightyMouse
G
COTSPin(181-XXX)
GlenairCOTSSystem
H
COTSSocket(181-XXX)
GlenairCOTSSystem
J
GFOCATermini(181-067)
GFOCA(hermaphroditic)
Table II
A
M29504/4StylePin(181-070)
B
M29504/5StyleSocket(181-071)
C
M29504/14StylePin(181-XXX)
D
M29504/15StyleSocket(181-XXX)
E
MightyMousePin(181-XXX)
F
MightyMouseSocket(181-XXX)
G
COTSPin(181-XXX)
H
COTSSocket(181-XXX)
J
GFOCATermini(181-067)
1
LCConnector
2
LCAPCConnector
3
FCConnector
4
FCAPCConnector
5
STConnector
6
SCConnector
7
SMA905Connector
8
SMA906Connector
9
CustomerSpecified*
Eye-Beamissuppliedaseitherafactoryterminatedcontactpigtailorpoint-to-pointjumper.Pigtailassemblies
are supplied in numerous contact formats for use with most high performance, tactical fiber optic connection
systems. For example, Glenair Eye-Beamlens contacts with their unique expanded beam capability are supplied
for MIL-DTL-38999, MIL-PRF-28876, GFOCA, and Series 80 Mighty Mouse, and are uniquely suitable for use in hybrid
electrical/optical interconnect applications.
The supply of the pre-terminated expanded beam lens contacts allows users to perform a much simpler and
easier fusion splice of pigtail wires in the field as opposed to actual contact termination, thus ensuring factory-level
performance and low dB loss in the system.
Glenair Eye-Beamfiber optics are also supplied in point-to-point jumpers with pin/socket, pin/pin, and socket/
socket configurations. In addition, Glenair can supply Eye-Beamexpanded beam jumpers with standard commercial
type connectors at one end.
Factory terminated lens pin contact (top) and lens socket contacts on pigtail wires allow for
easier fusion splicing in the field.
HOW TO Order
1. Eye-BeamsystempartnumbersbeginwiththeFA1000BasicPartNumber
2. Selectfibersize(Consultfactoryforadditionaloptions)
3. Selectoperatingwavelength
4. Selectpigtailorjumpercableconfiguration.Pigtailsandjumpersaresuppliedstandardwith36inchesoffibercable.
Specificlengthsavailableinpartnumberbreakdownasshownbelow.
Glenair Eye-Beamordering information


Similar Part No. - FA1000-62-85A1-0024A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
More results

Similar Description - FA1000-62-85A1-0024A

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
187-017 GLENAIR-187-017 Datasheet
788Kb / 2P
   Glenair Fiber Optic Termination Kit
187-018 GLENAIR-187-018 Datasheet
217Kb / 1P
   Glenair Fiber Optic Termination Kit
FA1000-62-85B1-0024A GLENAIR-FA1000-62-85B1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
FA1000-62-85F1-0024A GLENAIR-FA1000-62-85F1-0024A Datasheet
499Kb / 3P
   Eye-Beam짰 GLT Expanded Beam Fiber Optic Connection System
185-HMA-A02-C-50 GLENAIR-185-HMA-A02-C-50 Datasheet
211Kb / 1P
   Expanded Beam Fiber Optic Connector
logo
Molex Electronics Ltd.
1300950298 MOLEX-1300950298 Datasheet
155Kb / 1P
   PULLING GRIPS FIBER OPTIC ROTATING EYE
2015/06/12
1300950300 MOLEX-1300950300 Datasheet
155Kb / 1P
   PULLING GRIPS FIBER OPTIC ROTATING EYE
2015/06/12
logo
Glenair, Inc.
185-960-A06-C-50 GLENAIR-185-960-A06-C-50 Datasheet
193Kb / 1P
   Expanded Beam Fiber Optic Connector
185-HMA-A07-C-50 GLENAIR-185-HMA-A07-C-50 Datasheet
211Kb / 1P
   Expanded Beam Fiber Optic Connector
185-900-A06-C-50 GLENAIR-185-900-A06-C-50 Datasheet
201Kb / 1P
   Expanded Beam Fiber Optic Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com