Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA04392-50-NF-72-LC-N Datasheet(PDF) 1 Page - Glenair, Inc.

Part # FA04392-50-NF-72-LC-N
Description  Fiber Optic Test Cable for 050-201 Media Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

FA04392-50-NF-72-LC-N Datasheet(HTML) 1 Page - Glenair, Inc.

  FA04392-50-NF-72-LC-N Datasheet HTML 1Page - Glenair, Inc. FA04392-50-NF-72-LC-N Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2015 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
FA04392
Fiber Optic Test Cable for 050-201 Media Converter
D38999 Series III Type Connector Interface
Standard Tolerance
Length
Tolerance
5 in – 2 ft
+1 in -0
2 to 10 ft
+3 in -0
10 to 50 ft
+6 in -0
50 to 100 ft
+1 ft -0
100 ft and up
+2 ft -0
Notes
1. Optical performance: insertion loss to be less than 1.5 dB when measured at 850 nm
wavelength for Multimode and 1310 nm wavelength for Singlemode.
12.00" +1.00"
-0.00"
Length (see part number development)
LC-8
LC-8
LC-1
LC-1
J3
J3
GLENAIR P/N
MFR 06324
D/C YYWW
1
2
5
6
7
8
9
11
11
9
4
10
3
LC-2 THRU LC-7
NOT SHOWN
FOR CLARITY
Connection Diagram
J
LC-1
L
LC-2
N
LC-3
G
LC-4
X
LC-5
A
LC-6
E
LC-7
C
LC-8
J3
Basic
P/N
Material/Finish
M = Al/Nickel
MT = Al/Nickel PTFE
NF = Al/Olive Drab Cadmium
Other finishes available,
consult factory
F/O Test Connector
LC = LC Connector
Other options available
Fiber Type
09 = Singlemode
50 = 50/125
62 = 62.5/125
Cable Length
In Inches
72 = 72 Inches standard
Other lengths available
Keyway Polarization
N = Normal
Other options available
FA04392 - 50 - M - 72 - LC - N
How To Order
Diagram Key
Callout
Description
1, 2, 3
180-091 Fiber Optic plug connector / eight 181-001 pin termini / thirteen 181-048-16 sealing plugs
4
Eight single-channel LC fiber optic connectors (other options available, consult factory)
5
Simplex high-temperature fiber
6
440HS030 Glenair Backshell
7
Nomex braid
8
Band-Master ATS® shield termination strap
9
Heat shrink
10
Heat shrink
11
ID marker (marked with Glenair name, CAGE code and date code as indicated)


Similar Part No. - FA04392-50-NF-72-LC-N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA04390-09-M-72-LC-N GLENAIR-FA04390-09-M-72-LC-N Datasheet
199Kb / 2P
   Fiber Optic Test Cable for 050-113 Media Converter
FA04390-50-M-72-LC-N GLENAIR-FA04390-50-M-72-LC-N Datasheet
199Kb / 2P
   Fiber Optic Test Cable for 050-113 Media Converter
FA04391-50-M-72-LC-N GLENAIR-FA04391-50-M-72-LC-N Datasheet
199Kb / 2P
   Fiber Optic Test Cable for 050-117 Media Converter
More results

Similar Description - FA04392-50-NF-72-LC-N

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
FA04390-50-M-72-LC-N GLENAIR-FA04390-50-M-72-LC-N Datasheet
199Kb / 2P
   Fiber Optic Test Cable for 050-113 Media Converter
FA04391-50-M-72-LC-N GLENAIR-FA04391-50-M-72-LC-N Datasheet
199Kb / 2P
   Fiber Optic Test Cable for 050-117 Media Converter
FA04388-09-MT-72-LC-N GLENAIR-FA04388-09-MT-72-LC-N Datasheet
196Kb / 2P
   Fiber Optic Test Cable for 050-105 Media Converter
FA04388-50-MT-72-LC-N GLENAIR-FA04388-50-MT-72-LC-N Datasheet
196Kb / 2P
   Fiber Optic Test Cable for 050-105 Media Converter
FA03216 GLENAIR-FA03216 Datasheet
103Kb / 1P
   Fiber Optic LC Test Cable Assembly
logo
ORing Industrial Networ...
IMC-P111FX ORING-IMC-P111FX Datasheet
706Kb / 5P
   Fiber media converter
logo
Glenair, Inc.
180-072B06-11-2-89 GLENAIR-180-072B06-11-2-89 Datasheet
181Kb / 2P
   Fiber Optic Test Adapter
180-044B07-11-2-8P GLENAIR-180-044B07-11-2-8P Datasheet
180Kb / 2P
   Fiber Optic Test Adapter
180-089B07-11-8PA GLENAIR-180-089B07-11-8PA Datasheet
196Kb / 2P
   Fiber Optic Test Adapter
180-044B06-11-2-8P GLENAIR-180-044B06-11-2-8P Datasheet
192Kb / 2P
   Fiber Optic Test Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com