Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6151PR-24VDC-RS Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # P6151PR-24VDC-RS
Description  15 XGA TFT Industrial Touchscreen Monitor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

P6151PR-24VDC-RS Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  P6151PR-24VDC-RS Datasheet HTML 1Page - Axiomtek Co., Ltd. P6151PR-24VDC-RS Datasheet HTML 2Page - Axiomtek Co., Ltd. P6151PR-24VDC-RS Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
624
Overview
Fanless
Touch Panel
Computers
Heavy-duty
Fanless Touch
Panel Computers
Industrial
Touch Panel
Computers
Industrial Touch
panel Monitors
Infotainment
Touch Panel
Computers
Open
Frame Panel
Computers
Healthcare
& Medical
Solutions
Accessories
4
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Specifications
I/O Connectors
1 x RS-232 or USB for touchscreen version
1 x DVI-D
1 x VGA
1 x HDMI
1 x Screw-type DC power input
Power Adapter
Screw-type external AC / DC power adapter
Touchscreen
Thickness
Resistive: 3.2 mm
Light Transmission
Resistive: 80%
Power Consumption Resistive: +5V @ 100mA
Touch Life
Resistive: 35million touches
Controller interface: RS-232 D-type
9-pin male connector or USB
Dimensions
335 mm (13.19") (W) x 58.5 mm (2.30") (D) x 261.5 mm
(10.29") (H)
Packing Dimensions
TBD
Weight (net/gross)
TBD
Environment
Operating temperature: 0°C ~ +50°C (+32°F ~ +122°F)
Storage temperature: -20°C ~ +60°C (-4°F ~ +140°F)
Relative humidity: 20%~90% @ 40°C, non-condensing
Certificate
CE
Ordering Information
AC Power
Resistive (RS-232)
P6151PR-AC-RS-US-EU
Resistive (USB)
P6151PR-AC-U-US-EU
Glass
P6151PG-AC-US-EU
12V/24VDC Power
Resistive (RS-232)
P6151PR-DC-RS
Resistive (USB)
P6151PR-DC-U
Glass
P6151PG-DC
Dimensions
Updated Oct. 06, 2016.


Similar Part No. - P6151PR-24VDC-RS

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6151PR-24VDC-RS AXIOMTEK-P6151PR-24VDC-RS Datasheet
292Kb / 3P
   15 XGA TFT Industrial Touchscreen Monitor
More results

Similar Description - P6151PR-24VDC-RS

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
P6151PG-24VDC AXIOMTEK-P6151PG-24VDC Datasheet
292Kb / 3P
   15 XGA TFT Industrial Touchscreen Monitor
P6153LPR-AC-U AXIOMTEK-P6153LPR-AC-U Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153LPR-AC-RS AXIOMTEK-P6153LPR-AC-RS Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6153PR-24VDC-U-V3-RC AXIOMTEK-P6153PR-24VDC-U-V3-RC Datasheet
322Kb / 3P
   15 XGA TFT Industrial LCD Monitor
P6151O AXIOMTEK-P6151O_17 Datasheet
269Kb / 2P
   15 XGA TFT Industrial Open Frame Monitor
logo
Advantech Co., Ltd.
ITM-5115 ADVANTECH-ITM-5115_15 Datasheet
479Kb / 2P
   15" XGA Industrial LED Monitor with Full-Flat Resistive Touchscreen
ITM-915G-RVAE-C ADVANTECH-ITM-915G-RVAE-C Datasheet
359Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and VGA Port
22-Oct-2018
logo
Axiomtek Co., Ltd.
P6151 AXIOMTEK-P6151_17 Datasheet
283Kb / 2P
   15 XGA TFT Industrial LCD Monitor with Digital IO
logo
Advantech Co., Ltd.
FPM-2150G ADVANTECH-FPM-2150G Datasheet
231Kb / 2P
   15 XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
FPM-2150G ADVANTECH-FPM-2150G_15 Datasheet
335Kb / 2P
   15" XGA Industrial Monitor with Resistive Touchscreen and Direct-VGA Port
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com