Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ12A Datasheet(PDF) 4 Page - HuaXinAn Electronics CO.,LTD

Part # SMBJ12A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMBJ12A Datasheet(HTML) 4 Page - HuaXinAn Electronics CO.,LTD

  SMBJ12A Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMBJ12A Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SMBJ12A Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD SMBJ12A Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD SMBJ12A Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD SMBJ12A Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
continued
Part Number
marking
code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Curre
nt
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
Uni
Bi
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMBJ200A
SMBJ200CA
PV
EV
200.0
220.0
247.0
1
324.0
1.9
1
SMBJ210A
SMBJ210CA
PB
ED
210.0
231.0
268.8
1
340.0
1.8
1
SMBJ220A
SMBJ220CA
PX
EX
220.0
246.0
281.6
1
356.0
1.7
1
SMBJ250A
SMBJ250CA
PZ
EZ
250.0
279.0
309.0
1
405.0
1.5
1
SMBJ300A
SMBJ300CA QE
FE
300.0
335.0
371.0
1
486.0
1.3
1
SMBJ350A
SMBJ350CA QG FG
350.0
391.0
432.0
1
567.0
1.1
1
SMBJ400A
SMBJ400CA QK FK
400.0
447.0
494.0
1
648.0
0.9
1
SMBJ440A
SMBJ440CA QM FM
440.0
492.0
543.0
1
713.0
0.9
1
Notes:For bidirectional type having VRWM of 10 volts and less, the IR limit is double.
Description of Part Number
SMBJ XXX C A
5% VBR Voltage Tolerance
Bidirectional
VRWM Voltage
Series Code
Packing Options
Package Type
Description
Packing Quantity
Industry Standard
DO-214AA
Embossed Carrier Reel Pack
500 PCS / 3000PCS
EIA-481-1
4
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - SMBJ12A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ12A LUGUANG-SMBJ12A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMBJ12A JGD-SMBJ12A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ12A SOCAY-SMBJ12A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ12A LITTELFUSE-SMBJ12A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ12A SPSEMI-SMBJ12A Datasheet
447Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
More results

Similar Description - SMBJ12A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com