Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM36010 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM36010
Description  Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36010 Datasheet(HTML) 5 Page - Texas Instruments

  LM36010 Datasheet HTML 1Page - Texas Instruments LM36010 Datasheet HTML 2Page - Texas Instruments LM36010 Datasheet HTML 3Page - Texas Instruments LM36010 Datasheet HTML 4Page - Texas Instruments LM36010 Datasheet HTML 5Page - Texas Instruments LM36010 Datasheet HTML 6Page - Texas Instruments LM36010 Datasheet HTML 7Page - Texas Instruments LM36010 Datasheet HTML 8Page - Texas Instruments LM36010 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
LM36010
www.ti.com
SNVSAN4A – APRIL 2017 – REVISED JULY 2017
Product Folder Links: LM36010
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Minimum (MIN) and Maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers are not verified,
but do represent the most likely norm. Unless otherwise specified, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
The ability to deliver 1.5 A of LED current is highly dependent upon the input voltage, LED voltage, ambient temperature and PCB
layout. Depending upon the system conditions, it is possible that the device could hit the internal thermal shutdown or thermal scale-
back value before the desired flash duration is reached. See Thermal Performance for more details.
6.5 Electrical Characteristics
TA = 25°C and VIN = 3.6 V, unless otherwise specified. Minimum and maximum limits apply over the full operating ambient
temperature range (–40°C
≤ TA ≤ 85°C).
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
ILED
Current source accuracy
VOUT = 4 V , flash code = 0x7F = 1.5 A
(3)
–10%
1.5
10%
A
VOUT = 4 V , torch code = 0x7F = 376 mA
–10%
376
10%
mA
VHR
LED current source regulation
voltage
ILED = 1.5 A
Flash
550
mV
ILED = 376 mA
Torch
350
VOVP
Overvoltage Protection
ON threshold
4.86
5
5.10
V
OFF threshold
4.71
4.85
4.95
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-resistance
175
m
RNMOS
NMOS switch on-resistance
130
ICL
Switch current limit
Reg 0x01, bit [5] = 0
–15%
1.9
15%
A
Reg 0x01, bit [5] = 1
–15%
2.8
15%
VUVLO
Undervoltage lockout threshold
Falling VIN
2.5
V
VIVFM
Input voltage flash monitor trip
threshold
Reg 0x02, bits [7:5] = 000
–3%
2.9
3%
V
IQ
Quiescent supply current
Device not switching, in pass mode
0.3
mA
ISB
Standby supply current
Device disabled
2.5 V
≤ VIN ≤ 5.5 V
0.8
4
µA
STROBE VOLTAGE SPECIFICATIONS
VIL
Input logic low
2.5 V
≤ VIN ≤ 5.5 V
0
0.4
V
VIH
Input logic high
1.2
VIN
V
I2C-COMPATIBLE INTERFACE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.5 V
≤ VIN ≤ 4.2 V
0
0.4
V
VIH
Input logic high
1.2
VIN
VOL
Output logic low
ILOAD = 3 mA
400
mV
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
t1
SCL clock period
2.4
µs
t2
Data in set-up time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low set-up time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns
6.7 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
2.5 V
≤ VIN ≤ 5.5 V
-10%
2
10%
MHz
-10%
4
10%


Similar Part No. - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011YKBR TI1-LM36011YKBR Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com