Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM36010 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM36010
Description  Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM36010 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM36010 Datasheet HTML 7Page - Texas Instruments LM36010 Datasheet HTML 8Page - Texas Instruments LM36010 Datasheet HTML 9Page - Texas Instruments LM36010 Datasheet HTML 10Page - Texas Instruments LM36010 Datasheet HTML 11Page - Texas Instruments LM36010 Datasheet HTML 12Page - Texas Instruments LM36010 Datasheet HTML 13Page - Texas Instruments LM36010 Datasheet HTML 14Page - Texas Instruments LM36010 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D027
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
180
200
220
240
260
280
300
320
340
360
380
D025
85qC
25qC
-40qC
VIN (V)
2.5
3
3.5
4
4.5
5
5.5
180
200
220
240
260
280
300
320
340
360
380
D026
85qC
25qC
-40qC
11
LM36010
www.ti.com
SNVSAN4A – APRIL 2017 – REVISED JULY 2017
Product Folder Links: LM36010
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 3.6 V, CIN = 10 µF, COUT = 10 µF, L = 1 µH, VLED = 3.4 V, Flash Time-out = 320 ms and Thermal Scale-Back
(TSB) disabled, unless otherwise noted.
Mode (Reg 0x01 bits[1:0]) = 01 (IR Mode)
Figure 26. LED Off Current vs Input Voltage
Mode (Reg 0x01 bits[1:0]) = 10 (Torch Mode)
Figure 27. LED On Current vs Input Voltage
Figure 28. Standby Current vs Input Voltage


Similar Part No. - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36011YKBR TI1-LM36011YKBR Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM36010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost LED Flash Driver With High-Side Current Source
LM36011 TI1-LM36011 Datasheet
1,002Kb / 26P
[Old version datasheet]   Inductorless, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM3643 TI-LM3643_15 Datasheet
1Mb / 39P
[Old version datasheet]   Synchronous Boost Dual LED Flash Driver with 1.5-A High-Side Current Sources
LM3642 TI-LM3642 Datasheet
920Kb / 26P
[Old version datasheet]   LM3642 1.5A Synchronous Boost LED Flash Driver with High-Side Current Source
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
[Old version datasheet]   1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Eutech Microelectronics...
EUP2465 EUTECH-EUP2465 Datasheet
77Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
EUP2466 EUTECH-EUP2466 Datasheet
78Kb / 1P
   Synchronous Boost Flash LED Driver and Dual 1.5A High Side Current Source with I2C Compatible Interface
logo
Texas Instruments
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
[Old version datasheet]   Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
[Old version datasheet]   Synchronous Boost LED Flash Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com