Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR2505 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BR2505
Description  25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BR2505 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BR2505 Datasheet HTML 1Page - List of Unclassifed Manufacturers BR2505 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum Bridge Input Voltage RMS
Maximum DC Blocking Voltage
Maximum Average Forward Current at
TC = 55°C
Peak Forward Surge Current, 8.3 ms single
half sine - wave superimposed on rated load
KBPC2501 KBPC2502 KBPC2504 KBPC2506
50
50
100
100
200
200
400
400
600
600
800
800
1000
1000
35
70
140
280
420
560
700
25.0
300
TA = 25°C
Storage Temperature Range
Maximum Forward Voltage Drop
per Element at 12.5A
Maximum Reverse Current at Rated DC
Blocking Voltage per Element
Operating Temperature Range
1.2
10.0
1.0
- 55 to + 125
- 55 to + 150
TA = 100°C
KBPC2508
VRRM
VRMS
VDC
IF(AV)
IFSM
IR
TJ
TSTG
VF
(see Fig 2)
(see Fig 1)
(see Fig 3)
(see Fig 4)
V
V
A
A
V
V
µA
mA
°C
°C
Dimensions in millimetres
25.4
max
19.1
17.1
17.6
15.5
15.3
13.3
11.5
max
Ø 4.9
29.0
28.0
terminals
6.35 x 0.8
29.0
28.0
17.6
15.5
Ø 2.4
+
~
~
±
MECHANICAL DATA
High efficiency
Surge overload rating - 300 amperes peak
Body clad with metal (electrically isolated) or
plastic
Plastic encapsulation has Underwriters
Laboratory flammability classification 94V-0
Universal multipurpose terminals
: Metal or Plastic shell with plastic
encapsulation
: 1/4inch, 6.35mm Faston blades *
: Positive symbol printed on body
: 1.1 ounce, 31.6 grams
Case
Terminals
Polarity
Weight
RMS Isolation Voltage from Case to Terminals
VISO
2500
V
BR2505
BR251
BR252
BR254
BR256
BR2510
BR258
Plastic Case
* Lead out wires can be supplied as an alternative to blades - add suffix W to part number e.g. KBPC2506W
Metal Case
VOLTAGE RANGE
50 to 1000 Volts PRV
CURRENT
25 Amperes
KBPC2510
KBPC25005
KBPC2500 / BR250 SERIES
25 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
Reformatted by Anglia 9901
E-MAIL: info@angliac.com
WEB: www.angliac.com


Similar Part No. - BR2505

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR2505 RECTRON-BR2505 Datasheet
27Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Dc Components
BR2505 DCCOM-BR2505 Datasheet
433Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
BR2505 MIC-BR2505 Datasheet
103Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Chongqing Pingwei Enter...
BR2505 CHONGQING-BR2505 Datasheet
43Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
BR2505 WINNERJOIN-BR2505 Datasheet
203Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - BR2505

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC3500 ETC1-KBPC3500 Datasheet
142Kb / 2P
   35 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBL0 ETC-KBL0 Datasheet
123Kb / 2P
   4.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC100 ETC-KBPC100 Datasheet
119Kb / 2P
   3.0 AMPERE SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
NTE Electronics
NTE5322W NTE-NTE5322W Datasheet
17Kb / 2P
   Silicon Bridge Rectifier, Single-Phase, 25 Amp
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
List of Unclassifed Man...
WL005M ETC1-WL005M Datasheet
89Kb / 2P
   1.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
New Jersey Semi-Conduct...
2KBP005M NJSEMI-2KBP005M Datasheet
119Kb / 1P
   2.0 AMPERE MINIATURE SINGLE PHASE SILICON BRIDGE
logo
Shanghai Sunrise Electr...
KBU6A SSE-KBU6A Datasheet
15Kb / 1P
   SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Wing Shing Computer Com...
KBPC6005 WINGS-KBPC6005 Datasheet
283Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC15005 WINGS-KBPC15005 Datasheet
225Kb / 2P
   SINGLE - PHASE SILICON BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com