Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC1306M25DWVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC1306M25DWVR
Description  Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1306M25DWVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC1306M25DWVR Datasheet HTML 3Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 4Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 5Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 6Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 7Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 8Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 9Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 10Page - Texas Instruments AMC1306M25DWVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
6
10
)
(
u
¸¸
¹
·
¨¨
©
§
u TempRange
value
value
value
ppm
TCE
MIN
MAX
G
TempRange
value
value
TCE
MIN
MAX
O
7
AMC1306E05, AMC1306E25, AMC1306M05, AMC1306M25
www.ti.com
SBAS734A – MARCH 2017 – REVISED JULY 2017
Product Folder Links: AMC1306E05 AMC1306E25 AMC1306M05 AMC1306M25
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Steady-state voltage supported by the device in case of a system failure. See specified common-mode input voltage VCM for normal
operation. Observe analog input voltage range as specified in the Absolute Maximum Ratings table.
(2)
The common-mode overvoltage detection level has a typical hysteresis of 90 mV.
(3)
This is the –3-dB, second-order roll-off frequency of the integrated differential input amplifier to consider for the antialiasing filter design.
(4)
Integral nonlinearity is defined as the maximum deviation from a straight line passing through the end-points of the ideal ADC transfer
function expressed as a number of LSBs or as a percent of the specified linear full-scale range (FSR).
(5)
Offset error drift is calculated using the box method, as described by the following equation:
(6)
Gain error drift is calculated using the box method, as described by the following equation:
7.9 Electrical Characteristics: AMC1306x05
minimum and maximum specifications apply from TA = –40°C to +125°C, AVDD = 3.0 V to 5.5 V, DVDD = 2.7 V to 5.5 V,
AINP = –50 mV to 50 mV, AINN = AGND, and sinc
3 filter with OSR = 256 (unless otherwise noted); typical specifications are
at TA = 25°C, CLKIN = 20 MHz, AVDD = 5 V, and DVDD = 3.3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUTS
VClipping
Differential input voltage before clipping output
VIN = AINP – AINN
±64
mV
FSR
Specified linear differential full-scale
VIN = AINP – AINN
–50
50
mV
Absolute common-mode input voltage(1)
(AINP + AINN) / 2 to AGND
–2
AVDD
V
VCM
Operating common-mode input voltage
(AINP + AINN) / 2 to AGND
–0.032
AVDD – 2.1
V
VCMov
Common-mode overvoltage detection level(2)
(AINP + AINN) / 2 to AGND
AVDD - 2
V
CIN
Single-ended input capacitance
AINN = AGND
4
pF
CIND
Differential input capacitance
2
pF
IIB
Input bias current
AINP = AINN = AGND, IIB = IIBP + IIBN
–97
–72
–57
μA
RIN
Single-ended input resistance
AINN = AGND
4.75
RIND
Differential input resistance
4.9
IIO
Input offset current
±10
nA
CMTI
Common-mode transient immunity
50
100
kV/μs
CMRR
Common-mode rejection ratio
AINP = AINN, fIN = 0 Hz,
VCM min ≤ VIN ≤ VCM max
–99
dB
AINP = AINN, fIN from 0.1 Hz to 50 kHz,
VCM min ≤ VIN ≤ VCM max
–98
BW
Input bandwidth(3)
800
kHz
DC ACCURACY
DNL
Differential nonlinearity
Resolution: 16 bits
–0.99
0.99
LSB
INL
Integral nonlinearity(4)
Resolution: 16 bits, 4.5 V
≤ AVDD ≤ 5.5 V
–4
±1
4
LSB
Resolution: 16 bits, 3.0 V
≤ AVDD ≤ 3.6 V
–5
±1.5
5
EO
Offset error
Initial, at 25°C, AINP = AINN = AGND
–50
±2.5
50
µV
TCEO
Offset error thermal drift(5)
–1
±0.25
1
μV/°C
EG
Gain error
Initial, at 25°C
–0.2%
±0.005%
0.2%
TCEG
Gain error thermal drift(6)
–40
±20
40
ppm/°C
PSRR
Power-supply rejection ratio
AINP = AINN = AGND,
3.0 V
≤ AVDD ≤ 5.5 V, at dc
–108
dB
AINP = AINN = AGND,
3.0 V
≤ AVDD ≤ 5.5 V,
10 kHz, 100-mV ripple
–107
AC ACCURACY
SNR
Signal-to-noise ratio
fIN = 1 kHz
78
82.5
dB
SINAD
Signal-to-noise + distortion
fIN = 1 kHz
77.5
82.3
dB
THD
Total harmonic distortion
4.5 V
≤ AVDD ≤ 5.5 V,
5 MHz
≤ fCLKIN ≤ 21 MHz, fIN = 1 kHz
–98
–84
dB
3.0 V
≤ AVDD ≤ 3.6 V,
5 MHz
≤ fCLKIN ≤ 20 MHz, fIN = 1 kHz
–93
–83
SFDR
Spurious-free dynamic range
fIN = 1 kHz
83
100
dB


Similar Part No. - AMC1306M25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306M25DWVR TI1-AMC1306M25DWVR Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306M25DWVR TI1-AMC1306M25DWVR Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
More results

Similar Description - AMC1306M25DWVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1306E05 TI1-AMC1306E05_17 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1306E05 TI1-AMC1306E05 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with High CMTI
AMC1305L25-Q1 TI1-AMC1305L25-Q1 Datasheet
1Mb / 38P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI1-AMC1304L05 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision Reinforced Isolated Delta-Sigma Modulators
AMC1305L25 TI-AMC1305L25_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision,Reinforced Isolated Delta-Sigma Modulators
AMC1303E0510 TI1-AMC1303E0510 Datasheet
1Mb / 40P
[Old version datasheet]   Small, High-Precision, Reinforced Isolated Delta-Sigma Modulators with Internal Clock
AMC1304L05-Q1 TI1-AMC1304L05-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High-Precision, Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1305L25 TI1-AMC1305L25 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1305x High-Precision, Reinforced Isolated Delta-Sigma Modulators
AMC1304L05 TI-AMC1304L05_15 Datasheet
1Mb / 39P
[Old version datasheet]   AMC1304x High-Precision,Reinforced Isolated Delta-Sigma Modulators with LDO
AMC1106E05 TI1-AMC1106E05 Datasheet
1Mb / 38P
[Old version datasheet]   Small, High-Precision, Basic Isolated Delta-Sigma Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com