Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ7.5CA Datasheet(PDF) 2 Page - HuaXinAn Electronics CO.,LTD

Part # SMBJ7.5CA
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

SMBJ7.5CA Datasheet(HTML) 2 Page - HuaXinAn Electronics CO.,LTD

  SMBJ7.5CA Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD SMBJ7.5CA Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD SMBJ7.5CA Datasheet HTML 3Page - HuaXinAn Electronics CO.,LTD SMBJ7.5CA Datasheet HTML 4Page - HuaXinAn Electronics CO.,LTD SMBJ7.5CA Datasheet HTML 5Page - HuaXinAn Electronics CO.,LTD SMBJ7.5CA Datasheet HTML 6Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Transient Voltage Suppressors
Electrical Characteristics (TA=25℃)
Part Number
marking
code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
VBR(Volts)@IT
Test
Current
Maximum
Clamping
Voltage @IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
Unidirectional
Bidirectional
Uni
Bi
VRWM(V)
Min
Max
IT(mA)
VC(V)
IPP(A)
IR(μA)
SMBJ5.0A
SMBJ5.0CA
KE
AE
5.0
6.40
7.00
10
9.2
65.3
800
SMBJ6.0A
SMBJ6.0CA
KG
AG
6.0
6.67
7.37
10
10.3
58.3
800
SMBJ6.5A
SMBJ6.5CA
KK
AK
6.5
7.22
7.98
10
11.2
53.6
500
SMBJ7.0A
SMBJ7.0CA KM
AM
7.0
7.78
8.60
10
12.0
50.0
200
SMBJ7.5A
SMBJ7.5CA
KP
AP
7.5
8.33
9.21
1
12.9
46.6
100
SMBJ8.0A
SMBJ8.0CA
KR
AR
8.0
8.89
9.83
1
13.6
44.2
50
SMBJ8.5A
SMBJ8.5CA
KT
AT
8.5
9.44
10.40
1
14.4
41.7
20
SMBJ9.0A
SMBJ9.0CA
KV
AV
9.0
10.0
11.10
1
15.4
39.0
10
SMBJ10A
SMBJ10CA
KX
AX
10
11.1
12.3
1
17.0
35.3
5
SMBJ11A
SMBJ11CA
KZ
AZ
11
12.2
13.5
1
18.2
33.0
1
SMBJ12A
SMBJ12CA
LE
BE
12
13.3
14.7
1
19.9
30.2
1
SMBJ13A
SMBJ13CA
LG
BG
13
14.4
15.9
1
21.5
28.0
1
SMBJ14A
SMBJ14CA
LK
BK
14
15.6
17.2
1
23.2
25.9
1
SMBJ15A
SMBJ15CA
LM
BM
15
16.7
18.5
1
24.4
24.6
1
SMBJ16A
SMBJ16CA
LP
BP
16
17.8
19.7
1
26.0
23.1
1
SMBJ17A
SMBJ17CA
LR
BR
17
18.9
20.9
1
27.6
21.8
1
SMBJ18A
SMBJ18CA
LT
BT
18
20.0
22.1
1
29.2
20.6
1
SMBJ20A
SMBJ20CA
LV
BV
20
22.2
24.5
1
32.4
18.6
1
SMBJ22A
SMBJ22CA
LX
BX
22
24.4
26.9
1
35.5
16.9
1
SMBJ24A
SMBJ24CA
LZ
BZ
24
26.7
29.5
1
38.9
15.5
1
SMBJ26A
SMBJ26CA
ME
CE
26
28.9
31.9
1
42.1
14.3
1
SMBJ28A
SMBJ28CA
MG
CG
28
31.1
34.4
1
45.4
13.3
1
SMBJ30A
SMBJ30CA
MK
CK
30
33.3
36.8
1
48.4
12.4
1
SMBJ33A
SMBJ33CA
MM
CM
33
36.7
40.6
1
53.3
11.3
1
2
Table continues on next page
HUAAN LIMITED
www.huaandz.com
sales@huaandz.com


Similar Part No. - SMBJ7.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ7.5CA EIC-SMBJ7.5CA Datasheet
18Kb / 4P
   BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SMBJ7.5CA DIODES-SMBJ7.5CA Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMBJ7.5CA PACELEADER-SMBJ7.5CA Datasheet
130Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Yint Electroni...
SMBJ7.5CA YINT-SMBJ7.5CA Datasheet
1Mb / 5P
   SMBJ Transient Voltage Suppressor Diode Series
logo
Shenzhen Luguang Electr...
SMBJ7.5CA LUGUANG-SMBJ7.5CA Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ7.5CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com