Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AUP1G125YFP Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP1G125YFP
Description  Low-Power Single Bus Buffer Gate With 3-State Output
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G125YFP Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G125YFP Datasheet HTML 5Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 6Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 7Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 8Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 9Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 10Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 11Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 12Page - Texas Instruments SN74AUP1G125YFP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
9
SN74AUP1G125
www.ti.com
SCES595N – JULY 2004 – REVISED JULY 2017
Product Folder Links: SN74AUP1G125
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
6.8 Switching Characteristics, CL = 10 pF
over recommended operating free-air temperature range, CL = 10 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA
MIN
TYP
MAX
UNIT
tpd
A or B
Y
0.8 V
TA = 25°C
20.5
ns
1.2 V ± 0.1 V
TA = 25°C
4.6
8.4
13.7
TA = –40°C to +85°C
3.6
16.6
1.5 V ± 0.1 V
TA = 25°C
3.5
5.9
9.3
TA = –40°C to +85°C
2.4
11.1
1.8 V ± 0.15 V
TA = 25°C
3.9
4.7
7.5
TA = –40°C to +85°C
1.3
9.1
2.5 V ± 0.2 V
TA = 25°C
2.3
3.4
5.3
TA = –40°C to +85°C
1.6
6.4
3.3 V ± 0.3 V
TA = 25°C
2.1
2.8
4.3
TA = –40°C to +85°C
1.4
5.2
ten
OE
Y
0.8 V
TA = 25°C
21.8
ns
1.2 V ± 0.1 V
TA = 25°C
4.9
10.2
16.8
TA = –40°C to +85°C
4.4
20.2
1.5 V ± 0.1 V
TA = 25°C
3.9
7.3
11.2
TA = –40°C to +85°C
3.3
13.5
1.8 V ± 0.15 V
TA = 25°C
3.4
5.8
9.2
TA = –40°C to +85°C
2.7
11
2.5 V ± 0.2 V
TA = 25°C
2.5
4.3
6.4
TA = –40°C to +85°C
2.1
7.8
3.3 V ± 0.3 V
TA = 25°C
2.1
3.7
5.4
TA = –40°C to +85°C
1.9
6.4
tdis
OE
Y
0.8 V
TA = 25°C
13
ns
1.2 V ± 0.1 V
TA = 25°C
3.8
6.6
11.7
TA = –40°C to +85°C
1.2
14
1.5 V ± 0.1 V
TA = 25°C
2.2
4.7
7.9
TA = –40°C to +85°C
1.3
9.3
1.8 V ± 0.15 V
TA = 25°C
2.4
4.4
6.4
TA = –40°C to +85°C
2.2
7.5
2.5 V ± 0.2 V
TA = 25°C
1.3
3.1
4.9
TA = –40°C to +85°C
1.2
5.4
3.3 V ± 0.3 V
TA = 25°C
1.9
3.4
5
TA = –40°C to +85°C
1.9
5.6


Similar Part No. - SN74AUP1G125YFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G125YFP TI1-SN74AUP1G125YFP Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YFPR TI-SN74AUP1G125YFPR Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI-SN74AUP1G125YFPR Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI1-SN74AUP1G125YFPR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125YFPR TI1-SN74AUP1G125YFPR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
More results

Similar Description - SN74AUP1G125YFP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI-SN74AUP1G125_10 Datasheet
976Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI-SN74AUP1G126_10 Datasheet
1,023Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_017 TI1-SN74AUP1G125_017 Datasheet
1Mb / 46P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI-SN74AUP1G125 Datasheet
302Kb / 15P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125_101 TI-SN74AUP1G125_101 Datasheet
977Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G126 TI1-SN74AUP1G126_16 Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
SN74AUP1G125 TI1-SN74AUP1G125_15 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AHC1G125 TI-SN74AHC1G125 Datasheet
84Kb / 6P
[Old version datasheet]   SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com