Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP430FR2111IRLLR Datasheet(PDF) 59 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR2111IRLLR
Description  Mixed-Signal Microcontrollers
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2111IRLLR Datasheet(HTML) 59 Page - Texas Instruments

Back Button MSP430FR2111IRLLR Datasheet HTML 55Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 56Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 57Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 58Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 59Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 60Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 61Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 62Page - Texas Instruments MSP430FR2111IRLLR Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 78 page
background image
C
L1
C
L2
XIN
XOUT
Digital
Power Supply
Decoupling
100 nF
1 F
µ
DVCC
DVSS
+
59
MSP430FR2111, MSP430FR2110, MSP430FR2100, MSP430FR2000
www.ti.com
SLASE78B – AUGUST 2016 – REVISED JULY 2017
Submit Documentation Feedback
Product Folder Links: MSP430FR2111 MSP430FR2110 MSP430FR2100 MSP430FR2000
Applications, Implementation, and Layout
Copyright © 2016–2017, Texas Instruments Incorporated
7
Applications, Implementation, and Layout
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI's customers are
responsible for determining suitability fo components for their purposes. Customers should
validate and test their implementation to confirm system functionality.
7.1
Device Connection and Layout Fundamentals
This section describes the recommended guidelines when designing with the MSP430. These guidelines
are to make sure that the device has proper connections for powering, programming, debugging, and
optimum analog performance.
7.1.1
Power Supply Decoupling and Bulk Capacitors
TI recommends connecting a combination of a 10-µF capacitor and a 100-nF low-ESR ceramic decoupling
capacitor to the DVCC pin. Higher-value capacitors may be used but can impact supply rail ramp-up time.
Decoupling capacitors must be placed as close as possible to the pins that they decouple (within a few
millimeters).
Figure 7-1. Power Supply Decoupling
7.1.2
External Oscillator
Depending on the device variant (see Table 3-1), the device supports only a low-frequency crystal
(32 kHz) on the LFXT pins. External bypass capacitors for the crystal oscillator pins are required.
It is also possible to apply digital clock signals to the LFXIN input pins that meet the specifications of the
respective oscillator if the appropriate LFXTBYPASS mode is selected. In this case, the associated
LFXOUT pins can be used for other purposes. If the LFXOUT pins are left unused, they must be
terminated according to Section 4.5.
Figure 7-2 shows a typical connection diagram. See MSP430 32-kHz Crystal Oscillators for information on
selecting, testing, and designing a crystal oscillator with the MSP430 devices.
Figure 7-2. Typical Crystal Connection


Similar Part No. - MSP430FR2111IRLLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2111IRLLR TI1-MSP430FR2111IRLLR Datasheet
820Kb / 75P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2111IRLLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com