Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1037921 Datasheet(PDF) 5 Page - SICK AG

Part # 1037921
Description  MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1037921 Datasheet(HTML) 5 Page - SICK AG

  1037921 Datasheet HTML 1Page - SICK AG 1037921 Datasheet HTML 2Page - SICK AG 1037921 Datasheet HTML 3Page - SICK AG 1037921 Datasheet HTML 4Page - SICK AG 1037921 Datasheet HTML 5Page - SICK AG 1037921 Datasheet HTML 6Page - SICK AG 1037921 Datasheet HTML 7Page - SICK AG 1037921 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VFS60B-BBAJ08192 | VFS60
MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL
Diagram
Recommended accessories
Other models and accessories
www.sick.com/VFS60
Brief description
Type
Part no.
Flanges
One-sided stator coupling, slot, slot radius 33 mm to 48.5 mm, slot width 5.1 mm
BEF-DS01DFS/VFS
2047428
One-sided stator coupling, slot, slot radius 32.25 mm to 141.75 mm, slot width 5.1 mm
BEF-DS02DFS/VFS
2047430
One-sided stator coupling, slot, slot radius 33 mm to 211.9 mm, slot width 5.1 mm
BEF-DS03DFS/VFS
2047431
2017-07-07 18:51:26 | Online data sheet
Subject to change without notice
MOTOR FEEDBACK SYSTEMS | SICK
5


Similar Part No. - 1037921

ManufacturerPart #DatasheetDescription
logo
Heyco.
10379 HEYCO-10379 Datasheet
116Kb / 1P
   Nylon PCB Supports - Reverse Locking
logo
SICK AG
1037915 SICK-1037915 Datasheet
974Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTAL WITH COMMUTATION
More results

Similar Description - 1037921

ManufacturerPart #DatasheetDescription
logo
SICK AG
VFS60B-T4EK01024 SICK-VFS60B-T4EK01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTA
VFS60A-TDPJ01024 SICK-VFS60A-TDPJ01024 Datasheet
2Mb / 8P
   MOTOR FEEDBACK SYSTEMS ROTARY INCREMENTA
SRM50-HWA0-K22 SICK-SRM50-HWA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50-HUA0-K21 SICK-SRM50-HUA0-K21 Datasheet
882Kb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKS36S-HFA0-K02 SICK-SKS36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36S-HFA0-K02 SICK-SKM36S-HFA0-K02 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SKM36-HVA0-K02 SICK-SKM36-HVA0-K02 Datasheet
2Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SEK52-HNA0-K02 SICK-SEK52-HNA0-K02 Datasheet
1,010Kb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRS50-HAA0-K22 SICK-SRS50-HAA0-K22 Datasheet
1Mb / 6P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
SRM50S-HFA0-K21 SICK-SRM50S-HFA0-K21 Datasheet
1Mb / 7P
   MOTOR FEEDBACK SYSTEMS ROTARY HIPERFACE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com