Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

150-PP-628-00-106101 Datasheet(PDF) 2 Page - Precid-Dip Durtal SA

Part # 150-PP-628-00-106101
Description  DIL SOCKETS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

150-PP-628-00-106101 Datasheet(HTML) 2 Page - Precid-Dip Durtal SA

  150-PP-628-00-106101 Datasheet HTML 1Page - Precid-Dip Durtal SA 150-PP-628-00-106101 Datasheet HTML 2Page - Precid-Dip Durtal SA 150-PP-628-00-106101 Datasheet HTML 3Page - Precid-Dip Durtal SA 150-PP-628-00-106101 Datasheet HTML 4Page - Precid-Dip Durtal SA 150-PP-628-00-106101 Datasheet HTML 5Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
150-PP-314-00-106101
14
17.7
7.62
10.1
12.3
150-PP-316-00-106101
16
20.3
7.62
10.1
12.3
150-PP-318-00-106101
18
22.8
7.62
10.1
12.3
150-PP-320-00-106101
20
25.3
7.62
10.1
12.3
150-PP-322-00-106101
22
27.8
7.62
10.1
12.3
150-PP-324-00-106101
24
30.4
7.62
10.1
12.3
150-PP-328-00-106101
28
35.5
7.62
10.1
12.3
150-PP-420-00-106101
20
25.4
10.16
12.6
14.84
150-PP-422-00-106101
22
27.8
10.16
12.6
14.84
150-PP-424-00-106101
24
30.4
10.16
12.6
14.84
150-PP-428-00-106101
28
35.5
10.16
12.6
14.84
150-PP-432-00-106101
32
40.6
10.16
12.6
14.84
150-PP-624-00-106101
24
30.5
15.24
17.7
19.92
150-PP-628-00-106101
28
35.5
15.24
17.7
19.92
150-PP-632-00-106101
32
40.6
15.24
17.7
19.92
150-PP-636-00-106101
36
45.7
15.24
17.7
19.92
150-PP-640-00-106101
40
50.8
15.24
17.7
19.92
150-PP-642-00-106101
42
53.3
15.24
17.7
19.92
150-PP-648-00-106101
48
60.9
15.24
17.7
19.92
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - 150-PP-628-00-106101

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
150-000-02-50 MARL-150-000-02-50 Datasheet
296Kb / 3P
   PCB MOUNTING LEDs - 횠 2mm
logo
Gamewell-FCI by Honeywe...
150-00026 GAMEWELL-FCI-150-00026 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
150-00027 GAMEWELL-FCI-150-00027 Datasheet
583Kb / 4P
   Emergency Voice Evacuation System
logo
List of Unclassifed Man...
150-0066-3 ETC2-150-0066-3 Datasheet
549Kb / 8P
   IP67 waterproof protected heavy duty metal shell connectors
logo
Coilcraft lnc.
150-01J08L COILCRAFT-150-01J08L Datasheet
125Kb / 2P
   7mm Tunable RF Coils
More results

Similar Description - 150-PP-628-00-106101

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
150-80-316-00-006101 PREDIP-150-80-316-00-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
150-10-632-00-001101 PREDIP-150-10-632-00-001101 Datasheet
20Kb / 3P
   DIL SOCKETS
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
   DIL SOCKETS
116-87-308-41-006101 PREDIP-116-87-308-41-006101 Datasheet
20Kb / 4P
   DIL SOCKETS
151-80-314-00-004101 PREDIP-151-80-314-00-004101 Datasheet
20Kb / 4P
   DIL SOCKETS
160-10-316-00-001101 PREDIP-160-10-316-00-001101 Datasheet
23Kb / 5P
   DIL SOCKETS
180-80-308-00-001101 PREDIP-180-80-308-00-001101 Datasheet
21Kb / 4P
   DIL SOCKETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com