Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2025S-E2-F Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # R2025S-E2-F
Description  High precision I2C-Bus Real-Time Clock Module
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2025S-E2-F Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button R2025S-E2-F Datasheet HTML 5Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 6Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 7Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 8Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 9Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 10Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 11Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 12Page - RICOH electronics devices division R2025S-E2-F Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
R2025S/D
9
32kHz Clock Output
The R2025S/D incorporates a 32-kHz clock output circuit configured to generate clock pulses with the oscillation
frequency of a 32.768kHz crystal oscillator for output from the 32KOUT pin (CMOS push-pull output).
The 32-kHz
clock output is enabled and disabled when the CLKC pin is held high, and low or open, respectively.
The 32-kHz
clock output can be disabled by certain register settings but cannot be disabled without manipulation of any two
registers with different addresses to prevent disabling in such events as the runaway of the CPU.


Similar Part No. - R2025S-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2025S RICOH-R2025S Datasheet
563Kb / 47P
   High precision I2C-Bus Real-Time Clock Module
More results

Similar Description - R2025S-E2-F

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2051S01-E2-F RICOH-R2051S01-E2-F Datasheet
739Kb / 49P
   High precision I2C-Bus Real-Time Clock Module
R2025S RICOH-R2025S Datasheet
563Kb / 47P
   High precision I2C-Bus Real-Time Clock Module
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
Pericom Semiconductor C...
PT7C4307 PERICOM-PT7C4307 Datasheet
516Kb / 20P
   Real-time Clock Module (I2C Bus)
PT7C433833 PERICOM-PT7C433833 Datasheet
626Kb / 17P
   Real-time Clock Module (I2C Bus)
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com