Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2061L03-E2 Datasheet(PDF) 1 Page - RICOH electronics devices division

Part # R2061L03-E2
Description  3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R2061L03-E2 Datasheet(HTML) 1 Page - RICOH electronics devices division

  R2061L03-E2 Datasheet HTML 1Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 2Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 3Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 4Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 5Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 6Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 7Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 8Page - RICOH electronics devices division R2061L03-E2 Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
R2061x SERIES
3 Wire Interface Real-Time Clock ICs with Battery Backup Switch-Over Function
NO.EA-112-160701
1
* R2061K (FFP12) is the discontinued product as of July, 2016.
OUTLINE
The R2061x is a CMOS real-time clock IC connected to the CPU by three signal lines, CE, SCLK, and SIO, and
configured to perform serial transmission of time and calendar data to the CPU. Further, battery backup
switchover circuit and a voltage detector. The periodic interrupt circuit is configured to generate interrupt signals
with six selectable interrupts ranging from 0.5 seconds to 1 month. The 2 alarm interrupt circuits generate interrupt
signals at preset times. As the oscillation circuit is driven under constant voltage, fluctuation of the oscillator
frequency due to supply voltage is small, and the time keeping current is small (TYP. 0.4
A at 3V). The oscillation
halt sensing circuit can be used to judge the validity of internal data in such events as power-on; The supply
voltage monitoring circuit is configured to record a drop in supply voltage below two selectable supply voltage
monitoring threshold settings. The oscillation adjustment circuit is intended to adjust time counts with high
precision by correcting deviations in the oscillation frequency of the quartz crystal unit. Battery backup switchover
function is the automatic switchover circuit between a main power supply and a backup battery of primary or
secondary battery. Switchover is executed by monitoring the voltage of a main power supply, therefore the voltage
of a backup battery voltage is not relevant. Since the package for these ICs is SSOP16 (5.0x6.4x1.25: R2061Sxx)
and QFN023023-16(2.3×2.3×0.4:R2061Lxx), high density mounting of ICs on boards is possible.
FEATURES
 Minimum Timekeeping supply voltage Typ. 0.75V (Max. 1.00V); VDD pin
 Low power consumption
Typ. 0.4
A (Max. 1.0A) at VDD=3V
 Built-in Backup switchover circuit (can be used for a primary battery, a secondary battery, or an electric
double layer capacitor)
 Three signal lines (CE, SCLK, and SIO) required for connection to the CPU.
(Maximum clock frequency of 1MHz (with VCC = 3V) )
 Time counters (counting hours, minutes, and seconds) and calendar counters (counting years, months, days,
and weeks) (in BCD format)
 Interrupt circuit configured to generate interrupt signals (with interrupts ranging from 0.5 seconds to 1 month)
to the CPU and provided with an interrupt flag and an interrupt halt
 2 alarm interrupt circuits (Alarm_W for week, hour, and minute alarm settings and Alarm_D for hour and
minute alarm settings)
 Built-in voltage detector with delay
 With Power-on flag to prove that the power supply starts from 0V
 Supply voltage monitoring circuit with two supply voltage monitoring threshold settings
 Automatic identification of leap years up to the year 2099
 Selectable 12-hour and 24-hour mode settings
 Built-in oscillation stabilization capacitors (CG and CD)
 High precision oscillation adjustment circuit
 CMOS process
 Package SSOP16 (5.0mm x 6.4mm x 1.25mm : R2061Sxx)
FFP12(2.0mm x 2.0mm x 1.0mm :R2061Kxx)
QFN023023-16(2.3mm x 2.3mm x 0.4mm :R2061Lxx)


Similar Part No. - R2061L03-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K01-E2 RICOH-R2061K01-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K03-E2 RICOH-R2061K03-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061S02-E2 RICOH-R2061S02-E2 Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
More results

Similar Description - R2061L03-E2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R2062 RICOH-R2062 Datasheet
706Kb / 55P
   3 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2061K RICOH-R2061K Datasheet
723Kb / 56P
   wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2051 RICOH-R2051 Datasheet
717Kb / 58P
   2 wire interface Real-Time Clock ICs with Battery Backup switch-over Function
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
RV5C338A RICOH-RV5C338A Datasheet
440Kb / 52P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A Datasheet
421Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION???
RS5C338A RICOH-RS5C338A Datasheet
578Kb / 51P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION
logo
Intersil Corporation
ISL12008 INTERSIL-ISL12008 Datasheet
293Kb / 19P
   I2C Real Time Clock with Battery Backup
logo
RICOH electronics devic...
RS5C348A RICOH-RS5C348A Datasheet
452Kb / 53P
   4-WIRE SERIAL INTERFACE REAL-TIME CLOCK ICs WITH VOLTAGE MONITORING FUNCTION?
RV5C339A RICOH-RV5C339A_03 Datasheet
364Kb / 46P
   3-WIRE SERIAL INTERFACE REAL-TIME CLOCK IC WITH VOLTAGE MONITORING FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com